Electronic Components Datasheet Search
  English  ▼

X  

BZX55C2V4 Datasheet(PDF) 1 Page - Silicon Supplies

Part # BZX55C2V4
Description  Silicon Planar Zener diode in bare die form ??5% tolerance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BZX55C2V4 Datasheet(HTML) 1 Page - Silicon Supplies

  BZX55C2V4 Datasheet HTML 1Page - Silicon Supplies BZX55C2V4 Datasheet HTML 2Page - Silicon Supplies BZX55C2V4 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
 
 
 
0.5W, 5mA IZT , Bare Die Zener Diode  
Silicon Planar Zener diode in bare die form – 5% tolerance, “C” grade
IR characterized at 125°C
Rev 1.0
07/07/17
Features:
Die Dimensions in µm (mils)
330 (12.99)
 
Sharp Reverse Characteristics
210 (8.27)
 
 
Low Reverse Current Levels
High Reliability Gold Back Metal
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
330 x 330
12.99 x 12.99
µm
mils
Anode Pad Size
210 x 210
8.27 x 8.27
µm
mils
Die Thickness
200
7.87
µm
mils
Top Metal Composition
Al
Back Metal Composition
Au
 
High Reliability tested grades.
CHIP BACKSIDE IS CATHODE
Ordering Information
The following part suffixes apply:
ANODE
No suffix - MIL-STD-750 /2073 Visual Inspection
“H” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – By specific request
Unsawn Wafer – By specific request
Tighter VZ tolerances:
2% - B grade, 1% - A grade – Specific request
Page 1 of 3 
www.siliconsupplies.com


Similar Part No. - BZX55C2V4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C2V4 VISHAY-BZX55C2V4 Datasheet
70Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Seme LAB
BZX55C2V4 SEME-LAB-BZX55C2V4 Datasheet
19Kb / 2P
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
logo
Shanghai Lunsure Electr...
BZX55C2V4 CHENYI-BZX55C2V4 Datasheet
116Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Dc Components
BZX55C2V4 DCCOM-BZX55C2V4 Datasheet
199Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Diodes Incorporated
BZX55C2V4 DIODES-BZX55C2V4 Datasheet
168Kb / 3P
500mW ZENER DIODE
DS18013 Rev. 3 - 3
More results

Similar Description - BZX55C2V4

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
500mW,5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
5% Zener Voltage Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
5% Tolerance Zener Diode
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
5% Tolerance Zener Diode
logo
Silicon Supplies
BZX55C10 SS-BZX55C10 Datasheet
313Kb / 3P
Silicon P lanar Zener diode in bare die form
1N4617 SS-1N4617 Datasheet
308Kb / 3P
Bare Die Zener Diode
54LVC1G34 SS-54LVC1G34 Datasheet
527Kb / 6P
Single Buffer Gate in bare die form
74LVC1G34 SS-74LVC1G34 Datasheet
484Kb / 6P
Single Buffer Gate in bare die form
CD4148 SS-CD4148 Datasheet
1Mb / 3P
Small-Signal high speed switching diode in bare die form
Rev 1.0 22/01/19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com