Electronic Components Datasheet Search
  English  ▼

X  

WPRT20 Datasheet(PDF) 2 Page - TT Electronics.

Part # WPRT20
Description  Wirewound Power Radial Terminal Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WPRT20 Datasheet(HTML) 2 Page - TT Electronics.

  WPRT20 Datasheet HTML 1Page - TT Electronics. WPRT20 Datasheet HTML 2Page - TT Electronics. WPRT20 Datasheet HTML 3Page - TT Electronics. WPRT20 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type
L
±1.5
W
±1.0
D
P
±1.0
ØJ
±0.2
K
±1.0
F
±0.5
G
±0.5
E
±0.5
M1
±0.1
M2
±0.1
H
±1.0
N
±0.2
S
±0.3
R
±0.3
Weight (nom.)
A
AB
AR
WPRT10
48
10
9.0±1.0
32
4.1
3.0
8.7
5.0
12
4.2
4.2
19
23
60
72
11
16.5
18.5
WPRT15
48
12.5 11.5±1.0
32
4.1
3.0
8.0
6.0
12
4.2
4.2
23.5
23
60
72
18
24
27.5
WPRT20
63
12.5 13.5±1.0
44
4.1
3.0
10.0
6.0
12
4.2
4.2
25
23
74
86.5
27
34
37.5
WPRT30
75
19
19±1.0
54
6.0
4.0
9.5
7.5
18
4.2
4.2
30
39
88
105
66
80
87.5
WPRT40
90
19
19±0.6
70
6.0
4.0
9.5
7.5
18
5.2
4.5
30
39
104
122
81
94
105.5
WPRT50
90
19
19±0.6
70
6.0
4.0
9.5
7.5
18
5.2
4.5
30
39
104
122
81
94
105.5
Type
L
+0.5/-1.0
W
+0.5/-1.0
D
P
±0.3
ØJ
±0.2
K
±1.0
F
±0.5
G
±0.5
E
±0.5
H
±1.0
Weight (nom.)
AT
AD
WPRT10
48
10
9.0 ±1.0
32
4.1
3.0
8.7
5.0
12
19
11
16.5
WPRT15
48
12.5
11.5 ±1.0
32
4.1
3.0
8.0
6.0
12
23.5
18
24
WPRT20
63
12.5
13.5 ±1.0
44
4.1
3.0
10.0
6.0
12
25
27
34
WPRT30
75
19
19 ±1.0
54
6.0
4.0
9.5
7.5
18
30
66
80
WPRT40
90
19
19 ±0.6
68
6.0
4.0
9.5
7.5
18
30
81
94
WPRT50
90
19
19 ±0.6
68
6.0
4.0
9.5
7.5
18
30
81
94
Wirewound Power
Radial Terminal Resistor
WPRT Series
Figure 3 - quick connect “amp” tag (A)
andthesamewithbracket(AB)
Figure 4 - quick connect “amp” tag with
ruggedbracket(AR)
Figure5–asconfigurationAbutwithtightertoleranceterminalalignment(AT)andthesamewithbracket(AD)
Alldimensionsinmmandweightsing
Maximumbowonlengthandwidth<1.00mm
PhysicalData
AlldimensionsinmmandweightsingMaximumbowonlengthandwidth<1.00mm
Physical Data
Figure 2 – change the two fixing holes from circles to slots, delete dimension ØM, and add dimensions M1 & M2.
In table, add columns for ØJ, M1 & M2, change tolerances for N, S & R.
Figure 1-soldered tag(S) and the same with bracket (SB)
All dimensions in mm and weights in g
Maximum bow on length and width <1.00mm
Figure 2-soldered tag with rugged bracket (SR)
All dimensions in mm and weights in g
Maximum bow on length and width <1.00mm
Figure 4 – change the two fixing holes from circles to slots, delete dimension Ø4.20.2, and add dimensions M1 & M2.
In table, add columns for M1 & M2, correct second column headed L to S and change tolerances for N, S & R.
Figure 3 - quick connect “amp” tag (A) and the same with
bracket (AB)
All dimensions in mm and weights in g
Maximum bow on length and width <1.00mm
Figure 4 - quick connect “amp” tag with rugged bracket (AR)
All dimensions in mm and weights in g
Maximum bow on length and width <1.00mm
Type
L
1.5
W
±1.0
D
P
1.0
ØJ
0.2
C
0.4
ØB
0.2
K
1.0
F
0.5
G
0.5
E
0.5
M1
0.1
M2
0.1
H
1.0
N
0.2
S
0.3
R
0.3
Weight (nom.)
S
SB
SR
WPRT10
48
10
9.0±1.0
32
4.1
5.5
2.5
3.0
8.7
5.0
12
4.2
4.2
18
23
60
72
11 16.5
18.5
WPRT15
48
12.5 11.5±1.0
32
4.1
6.2
2.5
3.0
8.0
6.0
12
4.2
4.2
21
23
60
72
18
24
27.5
WPRT20
63
12.5 13.5±1.0
44
4.1
6.2
2.5
3.0
10.0
6.0
12
4.2
4.2
21
23
74
86.5 27
34
37.5
WPRT30
75
19
19±1.0
54
6.0
7.6
3.2
4.0
9.5
7.5
18
4.2
4.2
32
39
88
105
66
80
87.5
WPRT40
90
19
19±0.6
70
6.0
7.6
3.2
4.0
9.5
7.5
18
5.2
4.5
32
39
104
122
81
94
105.5
WPRT50
90
19
19±0.6
70
6.0
7.6
3.2
4.0
9.5
7.5
18
5.2
4.5
32
39
104
122
81
94
105.5
Type
L
1.5
W
±1.0
D
P
1.0
ØJ
0.2
K
1.0
F
0.5
G
0.5
E
0.5
M1
0.1
M2
0.1
H
1.0
N
0.2
S
0.3
R
0.3
Weight (nom.)
S
SB
SR
WPRT10
48
10
9.0±1.0
32
4.1
3.0
8.7
5.0
12
4.2
4.2
18
23
60
72
11 16.5
18.5
WPRT15
48
12.5 11.5±1.0
32
4.1
3.0
8.0
6.0
12
4.2
4.2
21
23
60
72
18
24
27.5
WPRT20
63
12.5 13.5±1.0
44
4.1
3.0
10.0
6.0
12
4.2
4.2
21
23
74
86.5 27
34
37.5
WPRT30
75
19
19±1.0
54
6.0
4.0
9.5
7.5
18
4.2
4.2
32
39
88
105
66
80
87.5
WPRT40
90
19
19±0.6
70
6.0
4.0
9.5
7.5
18
5.2
4.5
32
39
104
122
81
94
105.5
WPRT50
90
19
19±0.6
70
6.0
4.0
9.5
7.5
18
5.2
4.5
32
39
104
122
81
94
105.5
Physical Data
Figure 2 – change the two fixing holes from circles to slots, delete dimension ØM, and add dimensions M1 & M2.
In table, add columns for ØJ, M1 & M2, change tolerances for N, S & R.
Figure 1-soldered tag(S) and the same with bracket (SB)
All dimensions in mm and weights in g
Maximum bow on length and width <1.00mm
Figure 2-soldered tag with rugged bracket (SR)
All dimensions in mm and weights in g
Maximum bow on length and width <1.00mm
Figure 4 – change the two fixing holes from circles to slots, delete dimension Ø4.20.2, and add dimensions M1 & M2.
In table, add columns for M1 & M2, correct second column headed L to S and change tolerances for N, S & R.
Figure 3 - quick connect “amp” tag (A) and the same with
bracket (AB)
All dimensions in mm and weights in g
Maximum bow on length and width <1.00mm
Figure 4 - quick connect “amp” tag with rugged bracket (AR)
All dimensions in mm and weights in g
Maximum bow on length and width <1.00mm
Type
L
1.5
W
±1.0
D
P
1.0
ØJ
0.2
C
0.4
ØB
0.2
K
1.0
F
0.5
G
0.5
E
0.5
M1
0.1
M2
0.1
H
1.0
N
0.2
S
0.3
R
0.3
Weight (nom.)
S
SB
SR
WPRT10
48
10
9.0±1.0
32
4.1
5.5
2.5
3.0
8.7
5.0
12
4.2
4.2
18
23
60
72
11 16.5
18.5
WPRT15
48
12.5 11.5±1.0
32
4.1
6.2
2.5
3.0
8.0
6.0
12
4.2
4.2
21
23
60
72
18
24
27.5
WPRT20
63
12.5 13.5±1.0
44
4.1
6.2
2.5
3.0
10.0
6.0
12
4.2
4.2
21
23
74
86.5 27
34
37.5
WPRT30
75
19
19±1.0
54
6.0
7.6
3.2
4.0
9.5
7.5
18
4.2
4.2
32
39
88
105
66
80
87.5
WPRT40
90
19
19±0.6
70
6.0
7.6
3.2
4.0
9.5
7.5
18
5.2
4.5
32
39
104
122
81
94
105.5
WPRT50
90
19
19±0.6
70
6.0
7.6
3.2
4.0
9.5
7.5
18
5.2
4.5
32
39
104
122
81
94
105.5
Type
L
1.5
W
±1.0
D
P
1.0
ØJ
0.2
K
1.0
F
0.5
G
0.5
E
0.5
M1
0.1
M2
0.1
H
1.0
N
0.2
S
0.3
R
0.3
Weight (nom.)
S
SB
SR
WPRT10
48
10
9.0±1.0
32
4.1
3.0
8.7
5.0
12
4.2
4.2
18
23
60
72
11 16.5
18.5
WPRT15
48
12.5 11.5±1.0
32
4.1
3.0
8.0
6.0
12
4.2
4.2
21
23
60
72
18
24
27.5
WPRT20
63
12.5 13.5±1.0
44
4.1
3.0
10.0
6.0
12
4.2
4.2
21
23
74
86.5 27
34
37.5
WPRT30
75
19
19±1.0
54
6.0
4.0
9.5
7.5
18
4.2
4.2
32
39
88
105
66
80
87.5
WPRT40
90
19
19±0.6
70
6.0
4.0
9.5
7.5
18
5.2
4.5
32
39
104
122
81
94
105.5
WPRT50
90
19
19±0.6
70
6.0
4.0
9.5
7.5
18
5.2
4.5
32
39
104
122
81
94
105.5
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com