Electronic Components Datasheet Search
  English  ▼

X  

WPRT20 Datasheet(PDF) 3 Page - TT Electronics.

Part # WPRT20
Description  Wirewound Power Radial Terminal Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WPRT20 Datasheet(HTML) 3 Page - TT Electronics.

  WPRT20 Datasheet HTML 1Page - TT Electronics. WPRT20 Datasheet HTML 2Page - TT Electronics. WPRT20 Datasheet HTML 3Page - TT Electronics. WPRT20 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ambient Temperature (°C)
Maximum
Loadatratedpower(1000hrsat25°Cand70ºC)
ΔR%
5
Deratingfromratedpower
Zeroat275ºC(seegraph)
Shorttermoverload(5xratedpower)
ΔR%
5+0.05Ω
Dampheatsteadystate(56days,40°C,≥90%RH)
ΔR%
5+0.05Ω
Temperaturerapidchange(5cycles-55ºCto+155ºC)
ΔR%
2+0.05Ω
Resistancetosolderheat
ΔR%
1+0.05Ω
VoltageProof(1kVfor60s)
Noflashover,mechanicaldamage,arcingorbreakdown
Solderability
Min. 95% coverage
Name
MainMaterial
1
Rod
Al
2O3
2
FillingMaterial
SiO
2
3
CeramicCase
Al
2O3 CaO
4
Terminal
Steel(tinplated)
5
Bracket
Steel
6
WireElement
ResistanceAlloy
Construction
Ahighpurityceramicrod,withforcefitendcapsontowhichiswoundawireelement.Theelementisfittedintoaceramiccasewith
fireproofinsulationcement.Theterminalmaterialistinplatedsteel.
TerminationStrength:TheterminationsmeettherequirementsofIEC86.2.21
Marking: Powerrating,resistancevalueandtolerancearelegendmarked.
Flammability:Theresistorwillnotburnunderanyconditionofappliedtemperatureoroverload.
Solventresistance:Thebodyprotectionandmarkingareresistanttoallnormalindustrialsolventssuitableforprintedcircuits.
PerformanceData
Body Temperature Rise
0
50
100
150
200
250
300
350
0
10
20
30
40
50
Power (W)
10W
15W
20W
30W
40W
50W
Temperature Rise
Derating Curve
0
20
40
60
80
100
050100
150200
250300
Ambient Temperature (°C)
10W
15W-50W
Wirewound Power
Radial Terminal Resistor
WPRT Series
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com