Electronic Components Datasheet Search
  English  ▼

X  

ADF5902 Datasheet(PDF) 37 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 31Page - Analog Devices ADF5902 Datasheet HTML 32Page - Analog Devices ADF5902 Datasheet HTML 33Page - Analog Devices ADF5902 Datasheet HTML 34Page - Analog Devices ADF5902 Datasheet HTML 35Page - Analog Devices ADF5902 Datasheet HTML 36Page - Analog Devices ADF5902 Datasheet HTML 37Page - Analog Devices ADF5902 Datasheet HTML 38Page - Analog Devices ADF5902 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 37 of 39
Ramp Complete and Ramp-Down Signals to MUXOUT
Figure 50 shows the ramp complete signal on MUXOUT.
TIME
TIME
Figure 50. Ramp Complete Signal on MUXOUT
To activate this function, set Bits[DB15:DB12] in Register R3
to 1111, and set Bits[DB19:DB5] in Register R4 to 0x00C0.
Figure 51 shows the ramp-down signal on MUXOUT.
TIME
TIME
Figure 51. Ramp-Down Signal on MUXOUT
To activate this function, set Bits[DB15:DB12] in Register R3
to 1111, and set Bits[DB19:DB5] in Register R4 to 0x0100.
External Control of Ramp Steps
The internal ramp clock can be bypassed and each step can be
triggered by a pulse on the TX_DATA pin. This process allows
transparent control of each step. Enable this feature by setting
Bit DB30 in Register R14 to 1.
TIME
TX_DATA
RFOUT
TIME
Figure 52. External Control of Ramp Steps
APPLICATION OF THE ADF5902 IN FMCW RADAR
Figure 53 shows the application of the ADF5902 in a frequency
modulated continuous wave (FMCW) radar system.
In the FMCW radar system, the ADF5902 generates the
sawtooth or triangle ramps necessary for this type of radar to
operate.
The ADF5902 CPOUT pin controls the VTUNE pin on the ADF5902
transmitter MMIC and thus the frequency of the VCO and the
transmitter output signal on TXOUT1 or TXOUT2. The LO signal
from the ADF5902 is fed to the LO input on the ADF5904.
The ADF5904 downconverts the signal from the four receiver
antennas to baseband with the LO signal from the transmitter
MMIC.
The downconverted baseband signals from the four receiver
channels on the ADF5904 are fed to the ADAR7251 4-channel,
continuous time, Σ-Δ ADC.
A digital signal processor (DSP) follows the ADC to handle the
target information processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com