Electronic Components Datasheet Search
  English  ▼

X  

ADF5902 Datasheet(PDF) 19 Page - Analog Devices

Part # ADF5902
Description  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5902 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF5902 Datasheet HTML 15Page - Analog Devices ADF5902 Datasheet HTML 16Page - Analog Devices ADF5902 Datasheet HTML 17Page - Analog Devices ADF5902 Datasheet HTML 18Page - Analog Devices ADF5902 Datasheet HTML 19Page - Analog Devices ADF5902 Datasheet HTML 20Page - Analog Devices ADF5902 Datasheet HTML 21Page - Analog Devices ADF5902 Datasheet HTML 22Page - Analog Devices ADF5902 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 19 of 39
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2
DB1
DB0
0
00
0
0
0
01
1
0
0
01001M3
M2
M1
M0
IOL
RC5 RC4 RC3 RC2 RC1 RC0
C4(0) C3(0) C2(1) C1(1)
CONTROL
BITS
RESERVED
C5(0)
READBACK CONTROL
M3 M2 M1 M0
MUXOUT
0
0
0
0
TRISTATE OUTPUT
0
0
0
1
LOGIC HIGH
0
010
LOGIC LOW
0
0
1
1
R DIVIDER OUTPUT
0
1
0
0
N DIVIDER OUTPUT
0
101
RESERVED
0
110
RESERVED
0
111
CAL BUSY
1
000
RESERVED
1
001
RESERVED
1
010
RESERVED
1
0
1
1
R DIVIDER/2
1
1
0
0
N DIVIDER/2
1
101
RESERVED
1
110
RESERVED
1
1
1
1
RAMP STATUS TO MUXOIUT
IOL
0
1
IO LEVEL
3.3V LOGIC OUTPUTS
1.8V LOGIC OUTPUTS
1DBR = DOUBLE-BUFFERED REGISTER.
MUXOUT DBR1
RC3 RC2 RC1 RC0
READBACK CONTROL
00
0
0
NONE
0
0
0
1
REGISTER 0
0
0
1
0
REGISTER 1
0
0
1
1
REGISTER 2
0
1
0
0
REGISTER 3
0
1
0
1
REGISTER 4
01
1
0
REGSITER 5
0
1
1
1
REGISTER 6
1
0
0
0
REGISTER 7
1
0
0
1
REGISTER 8
1
0
1
0
REGISTER 9
1
0
1
1
REGISTER 10
REGISTER 11
11
0
0
..
.
.
RESERVED
011
0
ADC READBACK
RC4
0
0
0
0
0
0
0
0
0
0
0
0
0
.
1
...
.
.
RC5
0
0
0
0
0
0
0
0
0
0
0
0
0
.
0
.
1
1
0
1
REGISTER 12
REGISTER 13 SEL = 0
11
1
0
0
0
0
0
111
1
000
0
0
1
0
0
00
0
1
REGISTER 17
0
010
1
1
0
0
REGISTER 13 SEL = 1
REGISTER 14 SEL = 0
REGISTER 15 SEL = 0
REGISTER 16 SEL = 0
REGISTER 14 SEL = 1
REGISTER 15 SEL = 1
REGISTER 16 SEL = 1
REGISTER 13 SEL = 2
REGISTER 14 SEL = 2
REGISTER 15 SEL = 2
REGISTER 16 SEL = 2
REGISTER 13 SEL = 3
REGISTER 14 SEL = 3
REGISTER 15 SEL = 3
REGISTER 16 SEL = 3
1
0
1
0
1
0
1
0
1
0
1
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
1
10
1
...
.
.
0
.
RESERVED
FREQ READBACK
RESERVED
RESERVED
Figure 27. Register 3 (R3)
REGISTER 3
Control Bits
With Bits[C5:C1] set to 00011, Register R3 is programmed.
Figure 27 shows the input data format for programming this
register.
Reserved
Bits[DB31:DB16] are reserved and must be set as shown in
Figure 27.
MUXOUT Control
Bits[DB15:DB12] control the on-chip multiplexer of the
ADF5902. See Figure 27 for the truth table.
Input/Output (I/O) Level
Bit DB11 controls the DOUT logic levels. Setting this bit to 0
sets the DOUT logic level to 1.8 V. Setting this bit to 1 sets the
DOUT logic level to 3.3 V.
Readback Control
Bits[DB10:DB5] control the readback data to DOUT on the
ADF5902. See Figure 27 for the truth table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com