Electronic Components Datasheet Search
  English  ▼

X  

IXFK33N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFK33N50
Description  Power MOSFETs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK33N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFK33N50 Datasheet HTML 1Page - IXYS Corporation IXFK33N50 Datasheet HTML 2Page - IXYS Corporation IXFK33N50 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
Features
International Standard Packages
Avalanche Rated
Low Intrinsic Gate Resistance
Low Package Inductance
Fast Intrinsic Rectifier
Molding epoxies meet UL 94 V-0
flammability classification
Low R
DS (on) HDMOS
TM
process
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
DC-DC Converters
Battery Chargers
Synchronous rectification
Switch-Mode and Resonant-Mode
Power Supplies
DC Choppers
Temperature and Lighting Controls
DS97517E(9/13)
HiPerFETTM
Power MOSFETs
G = Gate
D
= Drain
S = Source
Tab = Drain
PLUS247 (IXFX)
Tab
G
D
S
TO-264 (IXFK)
S
G
D
Tab
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
500
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
500
V
V
GSS
Continuous
 20
V
V
GSM
Transient
 30
V
I
D25
T
C = 25C
33
A
35
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
132
A
140
A
I
A
T
C = 25C33
A
E
AS
T
C = 25C
2.5
J
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150C
5
V/ns
P
D
T
C = 25C
416
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in
F
C
Mounting Force
(PLUS247)
20..120 /4.5..27
N/lb
Weight
TO-264
10
g
PLUS247
6
g
IXFK33N50
IXFX35N50
N-Channel Enhancement Mode
Avalanche Rated
High dv/dt, Low t
rr
V
DSS
I
D25
R
DS(on)
33A 160m
35A
150m
500V
33N50
35N50
33N50
35N50
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
500
V
V
DSS
Temperature Coefficient
0.102
%/K
V
GS(th)
V
DS = VGS, ID = 4mA
2.0
4.5
V
V
GS(th) Temperature Coefficient
-0.206
%/K
I
GSS
V
GS =  20V, VDS = 0V
200 nA
I
DSS
V
DS = 0.8 • VDSS, VGS = 0V
200
A
T
J = 125C
2 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • IDSS, Note 1
160 m
150 m
33N50
35N50


Similar Part No. - IXFK33N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK33N50 IXYS-IXFK33N50 Datasheet
39Kb / 2P
HiPerFET Power MOSFETs
logo
Inchange Semiconductor ...
IXFK33N50 ISC-IXFK33N50 Datasheet
328Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFK33N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT6N100F IXYS-IXFT6N100F Datasheet
820Kb / 4P
Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
logo
List of Unclassifed Man...
SMOS21N50 ETC-SMOS21N50 Datasheet
141Kb / 2P
Power MOSFETs
logo
Sensitron
SHD218413 SENSITRON-SHD218413 Datasheet
42Kb / 2P
POWER MOSFETS
logo
List of Unclassifed Man...
ECG2399 ETC1-ECG2399 Datasheet
115Kb / 1P
Power MOSFETS
logo
Sirectifier Semiconduct...
SMOS21N50 SIRECTIFIER-SMOS21N50 Datasheet
143Kb / 2P
Power MOSFETs
logo
IXYS Corporation
IXFT16N120P IXYS-IXFT16N120P_V01 Datasheet
135Kb / 6P
Power MOSFETs
IXFV52N30P IXYS-IXFV52N30P_V01 Datasheet
195Kb / 6P
Power MOSFETs
logo
Vishay Siliconix
SIHF9630 VISHAY-SIHF9630_V01 Datasheet
153Kb / 9P
Power MOSFETS
21-Mar-11
SIHFBC30AL VISHAY-SIHFBC30AL_V01 Datasheet
274Kb / 12P
Power MOSFETs
30-May-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com