Electronic Components Datasheet Search
  English  ▼

X  

IXFK33N50 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFK33N50
Description  Power MOSFETs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK33N50 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFK33N50 Datasheet HTML 1Page - IXYS Corporation IXFK33N50 Datasheet HTML 2Page - IXYS Corporation IXFK33N50 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFK33N50
IXFX35N50
TO-264 Outline
PLUS247TM Outline
PINS:
1
- Gate
2,4 - Drain
3 - Source
PINS:
1 - Gate
2,4 - Drain
3 - Source
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 0.5 • IDSS, Note 1
18
28
S
C
iss
5200
5700
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
640
750
pF
C
rss
240
310
pF
t
d(on)
35
45
ns
t
r
42
50
ns
t
d(off)
110
140
ns
t
f
23
35
ns
Q
g(on)
227
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • IDSS
29
nC
Q
gd
110
nC
R
thJC
0.30
C/W
R
thCS
0.15
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
33
A
I
SM
Repetitive, Pulse Width Limited by T
JM
132
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
250 ns
I
RM
7
A
Q
RM
750
nC
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • IDSS
R
G = 1 (External)
I
F = IS, VGS = 0V
-di/dt = 100A/
s
V
R = 100V
Note
1. Pulse test, t
 300s, duty cycle, d  2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com