Electronic Components Datasheet Search
  English  ▼

X  

HM4606C Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4606C
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4606C Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4606C Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4606C Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4606C Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4606C Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4606C Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4606C Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4606C Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4606C Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4606C Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page
v1.0
3
HM4606C
P-CH Electrical Characteristics (TA=25℃unless otherwise noted)
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2 .
%
4.
Guaranteed by design, not subject to production
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-
20
-
23
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V,VGS=0V
-
-
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±
12V,VDS=0V
-
-
±100
nA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-
0.4
-
0.7
-
1
V
VGS=-10V, ID=-4.1A
-
64
110
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-4A
-
89
140
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-4.1A
5.5
-
-
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
-
700
-
PF
Output Capacitance
Coss
-
120
-
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
-
75
-
PF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
-
9
-
nS
Turn-on Rise Time
tr
-
5
-
nS
Turn-Off Delay Time
td(off)
-
28
-
nS
Turn-Off Fall Time
tf
VDD=-15V,RL=3.6Ω
VGS=-10V,RGEN=3Ω
-
13.5
-
nS
Total Gate Charge
Qg
-
14
-
nC
Gate-Source Charge
Qgs
-
3.1
-
nC
Gate-Drain Charge
Qgd
VDS=-15V,ID=-4A,VGS=-10V
-
3.
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-1A
-
-
-1.2
V
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com