Electronic Components Datasheet Search
  English  ▼

X  

RTL8139 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RTL8139
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8139 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RTL8139 Datasheet HTML 17Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 18Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 19Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 20Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 21Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 22Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 23Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
RTL8100B(L)
2001-11-9
Rev.1.41
21
5.12 Media Status Register
(Offset 0058h, R/W)
This register allows configuration of device and PHY options, and provides PHY status information.
Bit
R/W
Symbol
Description
7
R/W
TXFCE/
LdTXFCE
Tx Flow Control Enable: The flow control is valid in full-duplex
mode only. This register’s default value comes from 93C46.
RTL8100B(L)
Remote
TXFCE/LdTXFCE
ANE = 1
NWAY FLY mode
R/O
ANE = 1
NWAY mode only
R/W
ANE = 1
No NWAY
R/W
ANE = 0 &
full-duplex mode
-
R/W
ANE = 0 &
half-duplex mode
-
invalid
NWAY FLY mode : NWAY with flow control capability
NWAY mode only : NWAY without flow control capability
6
R/W
RXFCE
RX Flow control Enable: The flow control is enabled in full-duplex
mode only. The default value comes from 93C46.
5
-
-
Reserved
4
R
Aux_Status
Aux. Power present Status:
1: The Aux. Power is present.
0: The Aux. Power is absent.
The value of this bit is fixed after each PCI reset.
3
R
SPEED_10
Speed: Set, when current media is 10 Mbps mode. Reset, when current
media is 100 Mbps mode.
2
R
LINKB
Inverse of Link status. 0 = Link OK. 1 = Link Fail.
1
R
TXPF
Set, when RTL8100B(L) sends pause packet. Reset, when
RTL8100B(L) sends timer done packet.
0
R
RXPF
Pause Flag: Set, when RTL8100B(L) is in backoff state because a
pause packet received. Reset, when pause state is clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com