Electronic Components Datasheet Search
  English  ▼

X  

RTL8139 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RTL8139
Description  REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8139 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RTL8139 Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8139 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
RTL8100B(L)
2001-11-9
Rev.1.41
7
GNTB
I
84
Grant: This signal is asserted low to indicate to the RTL8100B(L) that
the central arbiter has granted ownership of the bus to the RTL8100B
(L). This input is used when the RTL8100B(L) is acting as a bus master.
REQB
T/S
85
Request: The RTL8100B(L) will assert this signal low to request the
ownership of the bus from the central arbiter.
IDSEL
I
99
Initialization Device Select: This pin allows the RTL8100B(L) to
identify when configuration read/write transactions are intended for it.
INTAB
O/D
81
INTAB: Used to request an interrupt. It is asserted low when an
interrupt condition occurs, as defined by the Interrupt Status, Interrupt
Mask and Interrupt Enable registers.
IRDYB
S/T/S
13
Initiator Ready: This indicates the initiating agent’s ability to complete
the current data phase of the transaction.
As a bus master, this signal will be asserted low when the
RTL8100B(L) is ready to complete the current data phase transaction.
This signal is used in conjunction with the TRDYB signal. Data
transaction takes place at the rising edge of CLK when both IRDYB and
TRDYB are asserted low. As a target, this signal indicates that the
master has put data on the bus.
TRDYB
S/T/S
14
Target Ready: This indicates the target agent’s ability to complete the
current phase of the transaction.
As a bus master, this signal indicates that the target is ready for the data
during write operations and with the data during read operations. As a
target, this signal will be asserted low when the (slave) device is ready
to complete the current data phase transaction. This signal is used in
conjunction with the IRDYB signal. Data transaction takes place at the
rising edge of CLK when both IRDYB and TRDYB are asserted low.
PAR
T/S
20
Parity: This signal indicates even parity across AD31-0 and C/BE3-0
including the PAR pin. As a master, PAR is asserted during address and
write data phases. As a target, PAR is asserted during read data phases.
PERRB
S/T/S
18
Parity Error: When the RTL8100B(L) is the bus master and a parity
error is detected, the RTL8100B(L) asserts both SERR bit in ISR and
Configuration Space command bit 8 (SERRB enable). Next, it
completes the current data burst transaction, then stops operation and
resets itself. After the host clears the system error, the RTL8100B(L)
continues its operation.
When the RTL8100B(L) is the bus target and a parity error is detected,
the RTL8100B(L) asserts this PERRB pin low.
SERRB
O/D
19
System Error: If an address parity error is detected and Configuration
Space Status register bit 15 (detected parity error) is enabled,
RTL8100B(L) asserts both SERRB pin low and bit 14 of Status register
in Configuration Space.
STOPB
S/T/S
17
Stop: Indicates the current target is requesting the master to stop the
current transaction.
RSTB
I
82
Reset: When RSTB is asserted low, the RTL8100B(L) performs
internal system hardware reset. RSTB must be held for a minimum of
120 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com