Electronic Components Datasheet Search
  English  ▼

X  

ADRF5720 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5720
Description  Silicon Digital Attenuator, 9kHz to 40GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5720 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5720 Datasheet HTML 8Page - Analog Devices ADRF5720 Datasheet HTML 9Page - Analog Devices ADRF5720 Datasheet HTML 10Page - Analog Devices ADRF5720 Datasheet HTML 11Page - Analog Devices ADRF5720 Datasheet HTML 12Page - Analog Devices ADRF5720 Datasheet HTML 13Page - Analog Devices ADRF5720 Datasheet HTML 14Page - Analog Devices ADRF5720 Datasheet HTML 15Page - Analog Devices ADRF5720 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ADRF5720
Data Sheet
Rev. 0 | Page 12 of 19
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT
Figure 28. Input P0.1dB vs. Frequency (Major States Only)
Figure 29. Input IP3 vs. Frequency (Major States Only)
Figure 30. Input P0.1dB vs. Frequency (Major States Only), Low Frequency
Detail
Figure 31. Input IP3 vs. Frequency (Major States Only), Low Frequency Detail
35
0
25
10
15
5
20
30
0
40
FREQUENCY (GHz)
5
15
25
10
20
30
35
STATE 0dB
STATE 1dB
STATE 4dB
STATE 16dB
STATE 0.5dB
STATE 2dB
STATE 8dB
STATE 31.5dB
80
70
0
50
20
30
10
40
60
0
40
FREQUENCY (GHz)
5
15
25
10
20
30
35
STATE 0dB
STATE 1dB
STATE 4dB
STATE 16dB
STATE 0.5dB
STATE 2dB
STATE 8dB
STATE 31.5dB
35
0
25
10
15
5
20
30
10k
1G
FREQUENCY (Hz)
100k
10M
1M
100M
STATE 0dB
STATE 1dB
STATE 4dB
STATE 16dB
STATE 0.5dB
STATE 2dB
STATE 8dB
STATE 31.5dB
80
0
60
30
40
20
10
50
70
10k
1G
FREQUENCY (Hz)
100k
10M
1M
100M
STATE 0dB
STATE 1dB
STATE 4dB
STATE 16dB
STATE 0.5dB
STATE 2dB
STATE 8dB
STATE 31.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com