Electronic Components Datasheet Search
  English  ▼

X  

ADRF5720 Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF5720
Description  Silicon Digital Attenuator, 9kHz to 40GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5720 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF5720 Datasheet HTML 11Page - Analog Devices ADRF5720 Datasheet HTML 12Page - Analog Devices ADRF5720 Datasheet HTML 13Page - Analog Devices ADRF5720 Datasheet HTML 14Page - Analog Devices ADRF5720 Datasheet HTML 15Page - Analog Devices ADRF5720 Datasheet HTML 16Page - Analog Devices ADRF5720 Datasheet HTML 17Page - Analog Devices ADRF5720 Datasheet HTML 18Page - Analog Devices ADRF5720 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Data Sheet
ADRF5720
Rev. 0 | Page 19 of 19
OUTLINE DIMENSIONS
Figure 45. 24-Terminal Land Grid Array [LGA]
4 mm × 4 mm Body and 0.75 mm Package Height
(CC-24-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADRF5720BCCZN
−40°C to +105°C
24-Terminal Land Grid Array [LGA]
CC-24-5
ADRF5720BCCZN-R7
−40°C to +105°C
24-Terminal Land Grid Array [LGA]
CC-24-5
ADRF5720-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
4.10
4.00
3.90
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
6
7
12
13
18
19
24
0.50
BSC
0.375
BSC
0.125
BSC
2.50 REF
SQ
0.30
0.25
0.20
0.35
0.30
0.25
0.240
0.220
0.200
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
0.530 REF
CHAMFERED
PIN 1 (0.2 × 45°)
PIN 1
CORNER AREA
0.85
0.75
0.65
2.50
2.40 SQ
2.30
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D15959-0-7/18(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com