Electronic Components Datasheet Search
  English  ▼

X  

HM8052 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8052
Description  250MHz Rail-to-Rail Output CMOS Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8052 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8052 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Page 4
HM8054
Pin
Name
Pin
Name
Function Description
Pin
Name
Pin
Name
Function Description
1
OUTA
Output A-ch
8
OUTC
Output C-ch
2
-INA
Inverting Input A-ch
9
-INC
Inverting Input C-ch
3
+INA
Non-inverting Input A-ch
10
+INC
Non-inverting Input C-ch
4
+Vs
Positive Supply voltage
11
-Vs
Negative Supply Voltage
5
+INB
Non-inverting Input B-ch
12
+INB
Non-inverting Input D-ch
6
-INB
Inverting Input B-ch
13
-INB
Inverting Input D-ch
7
OUTB
Output B-ch
14
OUTB
Output D-ch
Absolute Maximum Ratings
Characteristic
Value
Unit
Supply Voltage V+ to V-
7.5
V
Common-Mode input Voltage
(-Vs)-0.5~(+Vs)+0.5
V
Storage Temperature Range
-65~+150
°C
Junction Temperature
160
°C
Operating Temperature Range
-55~+150
°C
Package thermal resistance @TA=25°C
θJA
SOT-23-5L
SOT-23-6L
190
°C/W
SOP8
125
°C/W
SOP14
82
°C/W
TSSOP14
105
°C/W
Lead temperature range (Soldering 10 sec)
260
°C
ESD susceptibility
HBM
1000
V
MM
400
V
*Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD. Silicore Technology recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause
damage.
8051/2/3/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com