Electronic Components Datasheet Search
  English  ▼

X  

HM8052 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8052
Description  250MHz Rail-to-Rail Output CMOS Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8052 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8052 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8052 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Page 8
Low Pass Active Filter
The low pass filter shown in Fig.4 has a DC gain of (-R2/R1) and the –3dB corner frequency is 1/2πR2C. Make
sure the filter is within the bandwidth of the amplifier. The Large values of feedback resistors can couple with
parasitic capacitance and cause undesired effects such as ringing or oscillation in high-speed amplifiers. Keep
resistors value as low as possible and consistent with output loading consideration.
Fig. 4. Low Pass Active Filter
Driving Video
The
805X can be used in video applications like in Fig.5.
Fig. 5. Typical Video Driving
8051/2/3/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com