Electronic Components Datasheet Search
  English  ▼

X  

LT4293IMSPBF Datasheet(PDF) 3 Page - Analog Devices

Part # LT4293IMSPBF
Description  PD Interface Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293IMSPBF Datasheet(HTML) 3 Page - Analog Devices

  LT4293IMSPBF Datasheet HTML 1Page - Analog Devices LT4293IMSPBF Datasheet HTML 2Page - Analog Devices LT4293IMSPBF Datasheet HTML 3Page - Analog Devices LT4293IMSPBF Datasheet HTML 4Page - Analog Devices LT4293IMSPBF Datasheet HTML 5Page - Analog Devices LT4293IMSPBF Datasheet HTML 6Page - Analog Devices LT4293IMSPBF Datasheet HTML 7Page - Analog Devices LT4293IMSPBF Datasheet HTML 8Page - Analog Devices LT4293IMSPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT4293
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRESET
Reset Threshold
At VPORT Pin, Preceded by VCLASS
l
2.6
5.6
V
VHSON
Hot Swap Turn-On Voltage
l
35
37
V
VHSOFF
Hot Swap Turn-Off Voltage
l
30
31
V
Hot Swap On/Off Hysteresis Window
l
3
V
Supply Current
Supply Current
VVPORT = VHSSRC = 57V
l
2
mA
Supply Current During Classification
VVPORT = 17.5V, RCLASS and RCLASS++ Open
l
0.4
0.7
0.9
mA
Supply Current During Mark Event
VVPORT = VMARK After 1st Classification Event
l
0.5
2.2
mA
Detection and Classification Signature
Detection Signature Resistance
VSIG (Note 2)
l
23.7
24.4
25.2
kΩ
Resistance During Mark Event
VMARK (Note 2)
l
5.8
8.3
11
kΩ
RCLASS/RCLASS++ Operating Voltage
–10mA ≥ IRCLASS ≥ –36mA, VCLASS
l
1.32
1.40
1.43
V
Classification Signature Stability Time
VVPORT Step to 17.5V,
34.8Ω from RCLASS or RCLASS++ to GND
l
2
ms
Analog/Digital Interface
VAUXT
AUX Threshold
l
6.1
6.3
6.5
V
IAUXH
AUX Pin Hysteresis Current
VAUX = 6.1V
l
3.2
5
7
µA
T2P Output Low
1mA Load
l
0.8
V
PWRGD Output Low
1mA Load
l
0.8
V
PWRGD Leakage Current
VPWRGD = 60V
l
5
µA
T2P Leakage Current
T2P = 60V
l
5
µA
Hot Swap Control
IGPU
HSGATE Pull-Up Current
VHSGATE – VHSSRC = 5V (Note 6)
l
–27
–22
–18
µA
VGOC
HSGATE Open Circuit Voltage
–10µA Load, with Respect to HSSRC
l
10
18
V
HSGATE Pull-Down Current
VHSGATE – VHSSRC = 5V
l
200
µA
Timing
T2P Frequency
VAUX > VAUXT, and RCLASS++ Has Resistor to GND
l
690
840
990
Hz
T2P Duty Cycle in PoE Operation (Note 5) After LTPoE++ 3-Event Classification
After 4-Event Classification
After 5-Event Classification
(RCLASS++ Has Resistor to GND)
75
50
25
%
%
%
T2P Duty Cycle in Auxiliary
Supply Operation (Note 5)
VAUX > VAUXT, and RCLASS++ Has Resistor to GND
75
%
1st Classification Event Timing
Threshold
l
31
87
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Signature resistance specifications do not include resistance
added by the external diode bridge which can add as much as 1.1k to the
port resistance.
Note 3: All voltages with respect to GND unless otherwise noted.
Positive currents are into pins; negative currents are out of pins unless
otherwise noted.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 5: Specified as the percentage of the period which T2P is low
impedance with respect to GND. Appears after PWRGD valid.
Note 6: IGPU available in PoE powered operation. That is, available after
VVPORT > VHSON and VAUX < VAUXT, over the range where VVPORT is
between VHSOFF and 60V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com