Electronic Components Datasheet Search
  English  ▼

X  

LT4293IMSPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LT4293IMSPBF
Description  PD Interface Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293IMSPBF Datasheet(HTML) 1 Page - Analog Devices

  LT4293IMSPBF Datasheet HTML 1Page - Analog Devices LT4293IMSPBF Datasheet HTML 2Page - Analog Devices LT4293IMSPBF Datasheet HTML 3Page - Analog Devices LT4293IMSPBF Datasheet HTML 4Page - Analog Devices LT4293IMSPBF Datasheet HTML 5Page - Analog Devices LT4293IMSPBF Datasheet HTML 6Page - Analog Devices LT4293IMSPBF Datasheet HTML 7Page - Analog Devices LT4293IMSPBF Datasheet HTML 8Page - Analog Devices LT4293IMSPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT4293
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
LTPoE++/IEEE 802.3bt
PD Interface Controller
The LT®4293 is an LTPoE++/IEEE 802.3af/at/bt-compliant
powered device (PD) interface controller. The T2P output
distinguishes between LTPoE++ and IEEE 802.3bt power
sourcing equipment (PSE) during mutual identification
and negotiation of available power.
The LT4293 utilizes an external, low RDS(ON), N-channel,
hot swap MOSFET and supports the LT4320/LT4321 ideal
bridges, to extend the end-to-end power delivery effi-
ciency and eliminate costly heat sinks. The LT4293 also
includes a power good output, onboard signature resistor,
undervoltage lockout, and thermal protection. Start-up
inrush current is adjustable with an external capacitor.
Auxiliary power override is supported as low as 9V with
the AUX pin.
The LT4293 can be configured to support all possible
LTPoE++, 802.3bt, 802.3at and 802.3af power levels
with external component changes. Pin-for-pin compat-
ibility with the LT4275 and LT4294 family of PD Interface
Controllers enables easy migration between LTPoE++ PDs
and IEEE 802.3bt-compliant PDs.
LTPoE++/IEEE 802.3bt Single-Signature Powered Device Interface
APPLICATIONS
n
LTPoE++®/IEEE 802.3bt Powered Device (PD)
Controller
n
Supports Up to 90W PDs
n
Distinguishes Between LTPoE++ and IEEE 802.3bt PSEs
n
5-Event Classification Sensing
n
Superior Surge Protection (100V Absolute Maximum)
n
Wide Junction Temperature Range
(–40°C to 125°C)
n
Overtemperature Protection
n
Integrated Signature Resistor
n
External Hot Swap N-Channel MOSFET for Lowest
Power Dissipation and Highest System Efficiency
n
Configurable Aux Power Support as Low as 9V
n
Pin Compatible with LT4275A/B/C and LT4294
n
Available in 10-Lead MSOP and 3mm × 3mm
DFN Packages
n
High Power Wireless Data Systems
n
Outdoor Security Camera Equipment
n
Commercial and Public Information Displays
n
High Temperature Industrial Applications
CLASS
SINGLE-SIGNATURE
POWER CLASSIFICATION
(AT PD INPUT)
LTPoE++
IEEE 802.3bt
0
13W
13W
1
3.84W
3.84W
2
6.49W
6.49W
3
13W
13W
4
25.5W
25.5W
5
38.7W
40W
6
52.7W
51W
7
70W
62W
8
90W
71.3W
LT4293
VPORT HSGATE
GND
4293 TA01a
HSSRC
AUX
RCLASS
RCLASS++
RCLS++
PWRGD
T2P
RCLS
CPD
0.1µF
VPORT
DATA
PAIR
SPARE
PAIR
RUN
47nF
3.3k
PSMN040-100MSE
VIN
VOUT
+
–
ISOLATED
POWER
SUPPLY
OPTO
PSE TYPE
(TO µP)
+
–
~
~
+
–
~
~
+
CPORT
VAUX (9V TO 60V)
All registered trademarks and trademarks are the property of their respective owners.


Similar Part No. - LT4293IMSPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LT4293 AD-LT4293 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LT4293 AD-LT4293 Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
LT4293 AD-LT4293 Datasheet
2Mb / 39P
24-/48-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LT4293 AD-LT4293 Datasheet
931Kb / 22P
IEEE 802.3bt PD with Telemetry and Power Priority
Rev A
More results

Similar Description - LT4293IMSPBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
PoE-PD Interface Controller
April, 2017 ??Rev. 4
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
logo
Microchip Technology
PD70210 MICROCHIP-PD70210 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com