Electronic Components Datasheet Search
  English  ▼

X  

HM9715AMR Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9715AMR
Description  90m廓竊?.5A Current Limited USB Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9715AMR Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM9715AMR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Operation
HM9715A is an integrated power switch with a low Rdson P-channel MOSFET, internal gate rive circuit,
programmable current limiting, and thermal protection. When the device is active, if there is no load, the device only
consumes 25uA supply current, which makes the device suitable for battery powered applications.
Power Supply Considerations
A 0.01-μF to 0.1-μF ceramic bypass capacitor between IN and GND, close to the device, is recommended.
Placing a high-value electrolytic capacitor on the output pin(s) is recommended when the output load is heavy. This
precaution reduces power-supply transients that may cause ringing on the input and minimize the input voltage droops.
Additionally, bypassing the output with a 0.01-μF to 0.1-μF ceramic capacitor improves the immunity of the device to
short-circuit transients.
Power Dissipation and Junction Temperature
The low on-resistance on the P-channel MOSFET allows the small surface-mount packages to pass large currents. It
is good design practice to check power dissipation and junction temperature for each application. Begin by determining
the RDS(ON) of the P-channel MOSFET relative to the input voltage and operating temperature. Using the highest
operating ambient temperature of interest and RDS(ON), the power dissipation per switch can be calculated by:
PD = RDS(ON)× I
2
Finally, calculate the junction temperature:
TJ = PD x RJA + TA
Where:
TA= Ambient temperature
RJA = Thermal resistance
PD = Total power dissipation
Compare the calculated junction temperature with the maximum junction temperature which is 125
C. If they are within
degrees, either the maximum load current needs to be reduced or another package option will be required.
FLT Output
The FAULT Flag (FLT) is provided to alert the system if a
HM9715A load is not receiving sufficient voltage to operate
properly. If current limiting circuit is active for more than approximately 4ms, the FAULT Flag is pulled to ground
through an approximately 100Ω resistor. The filtering of voltage or current transients of less than 4ms prevents
capacitive loads connected to the
HM9715A output from activating the FAULT Flag when they are initially attached.
However, if the device is entering over-temperature conditions, the FLT will be pulled low without delay or deglitch.
Pull-up resistance of 1kΩ to 100kΩ on FLT pin is recommended. Since FLT is an open drain terminal, it may be pulled
up to any unrelated voltage less than the maximum operating voltage of 5.5V, allowing for level shifting between
circuits.
Thermal Protection
Thermal protection prevents damage to the IC when heavy-overload or short-circuit faults are present for extended
periods of time. The
HM9715A implements a thermal sensing to monitor the operating junction temperature of the
power distribution switch. In an overcurrent or short-circuit condition, the junction temperature rises due to excessive
power dissipation. Once the die temperature rises to approximately 135°C due to overcurrent conditions, the internal
thermal sense circuitry turns the power switch off, thus preventing the power switch from damage. Hysteresis is built
into the thermal sense circuit, and after the device has cooled approximately 15°C, the switch turns back on. The
switch continues to cycle in this manner until the load fault or input power is removed.
PCB Layout Guide
PCB layout is very important to achieve stable operation. It is highly recommended to duplicate EVB layout for
optimum performance. If change is necessary, please follow these guidelines for reference.
1) Keep the path of current short and minimize the loop area formed by Input and output capacitor.
2) Output capacitor and IC must be on the same side, The distance of outpin and output capacitor <3mm is
recommended.
90mΩ,
A Current Limited USB Power Switch
HM971 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com