Electronic Components Datasheet Search
  English  ▼

X  

HM9715AMR Datasheet(PDF) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9715AMR
Description  90m廓竊?.5A Current Limited USB Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9715AMR Datasheet(HTML) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM9715AMR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9715AMR Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Packing Information
Package Type
Carrier Width (W)
Pitch (P)
Reel Size(D)
Packing Minimum
SOT23-5
8.0±0.1 mm
4.0±0.1 mm
180±1 mm
3000pcs
MSOP8
12.0±0.3 mm
4.0±0.1 mm
330mm Max
2000pcs
DFN3x3-8
12.0±0.3 mm
4.0±0.1 mm
180±1 mm
3000pcs
Note: Carrier Tape Dimension, Reel Size and Packing Minimum
D
P
90mΩ,
A Current Limited USB Power Switch
HM971 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com