Electronic Components Datasheet Search
  English  ▼

X  

LSF0101 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0101
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0101 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LSF0101 Datasheet HTML 7Page - Texas Instruments LSF0101 Datasheet HTML 8Page - Texas Instruments LSF0101 Datasheet HTML 9Page - Texas Instruments LSF0101 Datasheet HTML 10Page - Texas Instruments LSF0101 Datasheet HTML 11Page - Texas Instruments LSF0101 Datasheet HTML 12Page - Texas Instruments LSF0101 Datasheet HTML 13Page - Texas Instruments LSF0101 Datasheet HTML 14Page - Texas Instruments LSF0101 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Vref_A
Vref_B
2
19
3
4
5
6
20
EN
18
17
16
15
1
GND
A1
A2
A3
A4
B1
B2
B3
B4
SW
7
8
9
10
14
13
12
11
A5
A6
A7
A8
B5
B6
B7
B8
LSF0108
SW
SW
SW
SW
SW
SW
SW
11
LSF0101, LSF0102, LSF0108
www.ti.com
SDLS966H – DECEMBER 2013 – REVISED JUNE 2019
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
Functional Block Diagrams (continued)
Figure 5. LSF0108 Functional Block Diagram
8.3 Feature Description
8.3.1 Auto Bidirectional Voltage Translation
All devices in the LSF family are auto bidirectional voltage level translators that are operational from 0.95 to 4.5 V
on the Vref_A supply and from 1.8 to 5.5 V on the Vref_B supply. This allows bidirectional voltage translation
between 0.95 V and 5.5 V without the need for a direction pin in open-drain or push-pull applications. LSF family
supports level translation applications with transmission speeds greater than 100 Mbps for open-drain systems
using a 30-pF capacitance and 250-Ω pullup resistor. For additional details on the recommended setup and
operation of the LSF family of devices, see the Understanding the LSF Family of Bidirectional, Multi-Voltage
Level Translators training series.
8.3.2 Output Enable
To enable the I/O pins, the EN input should be tied directly to Vref_B during operation. To ensure the high
impedance state during power-up, power-down, or during operation, the EN pin must be LOW. The EN pin
should always be tied directly to the Vref_B pin and is recommended to be disabled by an open-drain driver
without a pullup resistor. For additional details on how to use the enable pin, see the Using the Enable Pin with
the LSF Family video.
(1)
EN is controlled by Vref_B logic levels.
Table 1. Enable Pin Function Table
INPUT EN(1) PIN
Data Port State
Tied directly to Vref_B
An = Bn
L
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com