Electronic Components Datasheet Search
  English  ▼

X  

LSF0101 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0101
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0101 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LSF0101 Datasheet HTML 9Page - Texas Instruments LSF0101 Datasheet HTML 10Page - Texas Instruments LSF0101 Datasheet HTML 11Page - Texas Instruments LSF0101 Datasheet HTML 12Page - Texas Instruments LSF0101 Datasheet HTML 13Page - Texas Instruments LSF0101 Datasheet HTML 14Page - Texas Instruments LSF0101 Datasheet HTML 15Page - Texas Instruments LSF0101 Datasheet HTML 16Page - Texas Instruments LSF0101 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Vref_A
Vref_B
2
7
3
4
8 EN
6
5
1
GND
A1
A2
B1
B2
LSF0102
Rpu
200KΩ
ON
Off
Rpu
Rpu
Rpu
Vref(A) = 1.8V
Vpu = 3.3V
GND
GND
3.3V enable signal
Vcc
MDIO
MDC
SW
SW
Vcc
MDIO
MDC
13
LSF0101, LSF0102, LSF0108
www.ti.com
SDLS966H – DECEMBER 2013 – REVISED JUNE 2019
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
(1)
Vref_A is required to be the lowest voltage level across all inputs and outputs.
9.2 Typical Applications
9.2.1 Open-Drain Interface (I2C, PMBus, SMBus, GPIO)
Figure 6. Typical Application Circuit for Open-Drain Translation (MDIO shown as an example)
9.2.1.1 Design Requirements
9.2.1.1.1
Enable, Disable, and Reference Voltage Guidelines
The LSF family has an EN input that is used to disable the device by setting EN LOW, placing all I/Os in the
high-impedance state. Since the LSF family of devices are switch-type voltage translators, the power
consumption is very low. TI recommends always enabling the LSF family for bidirectional applications (I2C,
SMBus, PMBus, or MDIO).
Table 4. Application Operating Condition
PARAMETER
MIN
TYP
MAX
UNIT
Vref_A(1)
reference voltage (A)
0.95
4.5
V
Vref_B
reference voltage (B)
Vref_A + 0.8
5.5
V
VI(EN)
input voltage on EN pin
Vref_A + 0.8
5.5
V
Vpu
pull-up supply voltage
0
Vref_B
V
The 200 k
Ω, pull-up resistor is required to allow Vref_B to regulate the EN input and properly bias the
device for translation. For additional details on device biasing, see the Understanding the Bias Circuit for the
LSF Family video. A filter capacitor on Vref_B is recommended. Also Vref_B and VI(EN) are recommended to be
1.0 V higher than Vref_A for best signal integrity.
9.2.1.2 Detailed Design Procedure
9.2.1.2.1
Bidirectional Translation
For the bidirectional translation configuration (higher voltage to lower voltage or lower voltage to higher voltage),
the EN input must be connected to Vref_B and both pins must be pulled up to the HIGH side Vpu through a pull-
up resistor (typically 200 k
Ω). This allows Vref_B to regulate the EN input and bias the channels for proper
translation. A filter capacitor on Vref_B is recommended for a stable supply at the device. The master output
driver can be push-pull or open-drain (pull-up resistors may be required) and the slave device output can be
push-pull or open-drain (pull-up resistors are required to pull the Bn outputs to Vpu).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com