Electronic Components Datasheet Search
  English  ▼

X  

2SC5200 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC5200
Description  NPN Epitaxial Silicon Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5200 Datasheet(HTML) 2 Page - ON Semiconductor

  2SC5200 Datasheet HTML 1Page - ON Semiconductor 2SC5200 Datasheet HTML 2Page - ON Semiconductor 2SC5200 Datasheet HTML 3Page - ON Semiconductor 2SC5200 Datasheet HTML 4Page - ON Semiconductor 2SC5200 Datasheet HTML 5Page - ON Semiconductor 2SC5200 Datasheet HTML 6Page - ON Semiconductor 2SC5200 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SC5200/FJL4315 Rev. C
1
January 2009
2SC5200/FJL4315
NPN Epitaxial Silicon Transistor
Applications
•
High-Fidelity Audio Output Amplifier
•
General Purpose Power Amplifier
Features
•
High Current Capability: IC = 17A.
•
High Power Dissipation : 150watts.
•
High Frequency : 30MHz.
•
High Voltage : VCEO=250V
•
Wide S.O.A for reliable operation.
•
Excellent Gain Linearity for low THD.
•
Complement to2SA1943/FJL4215.
•
Thermal and electrical Spice models are available.
•
Same transistor is also available in:
-- TO3P package, 2SC5242/FJA4313 : 130 watts
-- TO220 package, FJP5200 : 80 watts
-- TO220F package, FJPF5200 : 50 watts
Absolute Maximum Ratings* T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics* T
a=25°C unless otherwise noted
* Device mounted on minimum pad size
hFE Classification
Symbol
Parameter
Ratings
Units
BVCBO
Collector-Base Voltage
250
V
BVCEO
Collector-Emitter Voltage
250
V
BVEBO
Emitter-Base Voltage
5
V
IC
Collector Current(DC)
17
A
IB
Base Current
1.5
A
PD
Total Device Dissipation(TC=25°C)
Derate above 25
°C
150
1.04
W
W/
°C
TJ, TSTG
Junction and Storage Temperature
- 50 ~ +150
°C
Symbol
Parameter
Max.
Units
RθJC
Thermal Resistance, Junction to Case
0.83
°C/W
Classification
R
O
hFE1
55 ~ 110
80 ~ 160
1.Base 2.Collector 3.Emitter
1
TO-264



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com