Electronic Components Datasheet Search
  English  ▼

X  

2SC5200 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC5200
Description  NPN Epitaxial Silicon Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5200 Datasheet(HTML) 3 Page - ON Semiconductor

  2SC5200 Datasheet HTML 1Page - ON Semiconductor 2SC5200 Datasheet HTML 2Page - ON Semiconductor 2SC5200 Datasheet HTML 3Page - ON Semiconductor 2SC5200 Datasheet HTML 4Page - ON Semiconductor 2SC5200 Datasheet HTML 5Page - ON Semiconductor 2SC5200 Datasheet HTML 6Page - ON Semiconductor 2SC5200 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SC5200/FJL4315 Rev. C
2
Electrical Characteristics* T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width=20
µs, Duty Cycle≤2%
Ordering Information
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=5mA, IE=0
250
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=10mA, RBE=∞
250
V
BVEBO
Emitter-Base Breakdown Voltage
IE=5mA, IC=0
5
V
ICBO
Collector Cut-off Current
VCB=230V, IE=0
5.0
µA
IEBO
Emitter Cut-off Current
VEB=5V, IC=0
5.0
µA
hFE1
DC Current Gain
VCE=5V, IC=1A
55
160
hFE2
DC Current Gain
VCE=5V, IC=7A
35
60
VCE(sat)
Collector-Emitter Saturation Voltage
IC=8A, IB=0.8A
0.4
3.0
V
VBE(on)
Base-Emitter On Voltage
VCE=5V, IC=7A
1.0
1.5
V
fT
Current Gain Bandwidth Product
VCE=5V, IC=1A
30
MHz
Cob
Output Capacitance
VCB=10V, f=1MHz
200
pF
Part Number
Marking
Package
Packing Method
Remarks
2SC5200RTU
C5200R
TO-264
TUBE
hFE1 R grade
2SC5200OTU
C5200O
TO-264
TUBE
hFE1 O grade
FJL4315RTU
J4315R
TO-264
TUBE
hFE1 R grade
FJL4315OTU
J4315O
TO-264
TUBE
hFE1 O grade



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com