Electronic Components Datasheet Search
  English  ▼

X  

PE2PB1006 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE2PB1006
Description  RF Coaxial GS Probe
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2PB1006 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE2PB1006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2PB1006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2PB1006 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2PB1006 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2PB1006 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2PB1006 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE2PB1006 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
2
Connector
Connector Type
2.92mm Female
Size
Length
1.18 in [29.97 mm]
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
4
8
12
16
20
24
28
32
36
40
GHz
VSWR using RO4350B 10 mil Grounded Coplanar Waveguide Trace
PE2PB1006 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: RF Coaxial GS Probe, 800 Micron Pitch, Up to 40 GHz, Cable Mount, 2.92mm Interface
PE2PB1006
RF Coaxial GS Probe, 800 Micron Pitch, Up to
40 GHz, Cable Mount, 2.92mm Interface
RF Microwave Probes Technical Data Sheet
PE2PB1006



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com