Electronic Components Datasheet Search
  English  ▼

X  

PE2PB1006 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2PB1006
Description  RF Coaxial GS Probe
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2PB1006 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2PB1006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2PB1006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2PB1006 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2PB1006 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2PB1006 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2PB1006 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE2PB1006 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Configuration
• Single Channel
• Cable Mount
• GS Tip
• 2.92mm Female Connector
• 800 um Pitch
Features
• Max. Operating Frequency of 40 GHz
• Return Loss better than 10 dB
• Gold Plated Contacts
• Compliant coaxial GS pogo pins
• In stock and ready to ship
Applications
• Signal Integrity probing
• S-parameter measurements
• RF Coaxial Probing
• Device characterization
•
Differential Probing
.
Description
Pasternack’s PE2PB1006 RF Coaxial GS probe is part of our full line of RF components available for same-day shipping.
These RF coaxial probes are designed to connect RF sources, analyzers and oscilloscopes to microwave circuits, PCB and
test fixtures. These microwave coaxial probes are available in GS (SG) and GSG variants. They can be used manually with
a coaxial cable assembly or with our optional probe positioner to characterize devices, troubleshoot or make signal integrity
measurements. Pairs of coaxial GS probes can be used in tandem with delay matched cable assemblies to perform high
speed differential measurements.
Our RF Coaxial GS probe datasheet specifications and drawing with dimensions are shown below in this PDF. Pasternack’s
broad catalog of RF, microwave and millimeter wave components allow designers to configure and customize their signal
connections however they like. Whether the need is to provide signal integrity probing or device characterization, Pasternack
can ship you the right components same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
Impedance
50
Ohms
Return Loss
10
dB
Insertion Loss
0.5
dB
. .
Mechanical Specifications
Probe
Configuration
GS
Pin Type
Pogo Pin
Pitch
800 um [0.03 in]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: RF Coaxial GS Probe, 800 Micron Pitch, Up to 40 GHz, Cable Mount, 2.92mm Interface
PE2PB1006
PE2PB1006 REV 1.0
RF Coaxial GS Probe, 800 Micron Pitch, Up to
40 GHz, Cable Mount, 2.92mm Interface
PE2PB1006
RF Microwave Probes Technical Data Sheet


Similar Part No. - PE2PB1006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2PB1000 PASTERNACK-PE2PB1000 Datasheet
743Kb / 8P
RF Coaxial GSG Probe, 800 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1001 PASTERNACK-PE2PB1001 Datasheet
711Kb / 8P
RF Coaxial GSG Probe, 1,500 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1002 PASTERNACK-PE2PB1002 Datasheet
729Kb / 8P
RF Coaxial GS Probe, 800 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1003 PASTERNACK-PE2PB1003 Datasheet
707Kb / 8P
RF Coaxial GS Probe, 1,500 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1004 PASTERNACK-PE2PB1004 Datasheet
837Kb / 7P
RF Coaxial GSG Probe
More results

Similar Description - PE2PB1006

ManufacturerPart #DatasheetDescription
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
RF Coaxial Connectors
logo
Pomona Electronics
6106 POMONA-6106 Datasheet
116Kb / 1P
DMM RF Detector Test Probe
logo
Pasternack Enterprises,...
PE2PB1002 PASTERNACK-PE2PB1002 Datasheet
729Kb / 8P
RF Coaxial GS Probe, 800 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1003 PASTERNACK-PE2PB1003 Datasheet
707Kb / 8P
RF Coaxial GS Probe, 1,500 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE5TL1000 PASTERNACK-PE5TL1000 Datasheet
486Kb / 6P
RF PCB Test Probe Positioner
PE2PB1004 PASTERNACK-PE2PB1004 Datasheet
837Kb / 7P
RF Coaxial GSG Probe
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
RF Coaxial GSG Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
RF Coaxial GS Probe
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com