Electronic Components Datasheet Search
  English  ▼

X  

COP820C Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820C
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820C Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button COP820C Datasheet HTML 18Page - National Semiconductor (TI) COP820C Datasheet HTML 19Page - National Semiconductor (TI) COP820C Datasheet HTML 20Page - National Semiconductor (TI) COP820C Datasheet HTML 21Page - National Semiconductor (TI) COP820C Datasheet HTML 22Page - National Semiconductor (TI) COP820C Datasheet HTML 23Page - National Semiconductor (TI) COP820C Datasheet HTML 24Page - National Semiconductor (TI) COP820C Datasheet HTML 25Page - National Semiconductor (TI) COP820C Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Option List
The mask programmable options are listed out below. The
options are programmed at the same time as the ROM pat-
tern to provide the user with hardware flexibility to use a va-
riety of oscillator configuration.
OPTION 1: CKI INPUT
= 1 Crystal
(CKI/10) CKO for crystal configuration
= 2 External (CKI/10) CKO available as G7 input
= 3 R/C
(CKI/10) CKO available as G7 input
OPTION 2: BONDING
= 1 28-pin DIP package
= 2 N.A.
= 3 20-pin DIP package
= 4 20-SO package
= 5 28-SO package
The following option information is to be sent to National
along with the EPROM.
Option Data
Option 1 Value__is: CKI Input
Option 2 Value__is: COP Bonding
COP8 Tools Overview
National is engaged with an international community of inde-
pendent 3rd party vendors who provide hardware and soft-
ware development tool support. Through National’s interac-
tion and guidance, these tools cooperate to form a choice of
tools that fits each developer’s needs.
This section provides a summary of the tool and develop-
ment kits currently available. Up-to-date information, selec-
tion guides, free tools, demos, updates, and purchase infor-
mation
can
be
obtained
at
our
web
site
at:
www.national.com/cop8.
SUMMARY OF TOOLS
COP8 Evaluation Software and Reference Designs
•
COP8–NSEVAL: Software Evaluation package for Win-
dows. A fully integrated evaluation environment for
COP8. Includes WCOP8 IDE evaluation version (Inte-
grated Development Environment), COP8-NSASM (Full
COP8 Assembler), COP8-MLSIM (COP8 Instruction
Level Simulator), COP8C Compiler Demo, DriveWay™
COP8 Device-Driver-Builder Demo, Manuals, Applica-
tions Software, and other COP8 technical information.
•
COP8–REF-xx: Reference Designs for COP8 Families.
Realtime hardware environment with a variety of func-
tions for demonstrating the various capabilities and fea-
tures of specific COP8 device families. Run Win 95 demo
reference software and exercise specific device capabili-
ties.
Includes PCB with pre-programmed COP8, 9v battery for
stand-alone operation, assembly listing, full applications
source code, BOM, and schematics.
(Add COP8-NSEVAL and an OTP programmer to imple-
ment your own software ideas in Assembly Code.)
COP8 Starter Kits and Hardware Target Solutions
•
COP8-EVAL-xxx: A variety of Multifunction Evaluation,
Design Test, and Target Boards for COP8 Families. Real-
time target design environments with a selection of pe-
ripherals and features including multi I/O, LCD display,
keyboard, A/D, D/A, EEPROM, USART, LEDs, and
bread-board area. Quickly design, test, and implement a
custom target system (some target boards are stand-
alone, and ready for mounting into a standard enclosure),
or just evaluate and test your code. Includes COP8-
NSDEV with IDE and Assembler, software routines, refer-
ence designs, and source code (no p/s).
COP8 Software Development Languages and Integrated
Environments
•
COP8-NSDEV: National’s COP8 Software Development
package for Windows on CD. A fully Integrated Develop-
ment Environment for COP8. Includes a fully licensed
WCOP8 IDE, COP8-NSASM. Plus Manuals, Applications
Software, and other COP8 technical information.
•
COP8C: ByteCraft - C Cross-Compiler and Code Devel-
opment System. Includes BCLIDE (Integrated Develop-
ment Environment) for Win32, editor, optimizing C Cross-
Compiler, macro cross assembler, BC-Linker, and
MetaLinktools support. (DOS/SUN versions available;
Compiler is linkable under WCOP8 IDE; Compatible with
DriveWay COP8)
•
EWCOP8, EWCOP8-M, EWCOP8-BL: IAR - ANSI
C-Compiler and Embedded Workbench. (M version in-
cludes MetaLink debugger support) (BL version: 4k code
limit; no FP). A fully integrated Win32 IDE, ANSI
C-Compiler, macro assembler, editor, linker, librarian,
and C-Spy high-level simulator/debugger.
COP8 Development Productivity Tools
•
DriveWay-COP8: Aisys Corporation - COP8 Peripherals
Code Generation tool. Automatically generates tested
and documented C or Assembly source code modules
containing I/O drivers and interrupt handlers for each on-
chip peripheral. Application specific code can be inserted
for customization using the integrated editor. (Compatible
with COP8-NSASM, COP8C, and WCOP8 IDE.)
•
COP8-UTILS: COP8 assembly code examples, device
drivers, and utilities to speed up code development. (In-
cluded with COP8-NSDEV and COP8-NSEVAL.)
•
WCOP8 IDE: KKD - COP8 IDE (Integrated Development
Environment). Supports COP8C, COP8-NSASM, COP8-
MLSIM, DriveWay COP8, and MetaLink debugger under
a common Windows Project Management environment.
Code development, debug, and emulation tools can be
launched from a single project window framework. (In-
cluded in COP8-NSDEV and COP8-NSEVAL.)
COP8 Hardware Debug Tools
•
COP8xx-DM: Metalink COP8 Debug Module for non-
flash COP8 Families. Windows based development and
real-time in-circuit emulation tool, with 100 frame trace,
32k s/w breaks, Enhanced User Interface, MetaLinkDe-
bugger, and COP8 OTP Programmer with sockets. In-
cludes COP8-NSDEV, power supply, DIP and/or SMD
emulation cables and adapters.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com