Electronic Components Datasheet Search
  English  ▼

X  

COP820C Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820C
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820C Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button COP820C Datasheet HTML 8Page - National Semiconductor (TI) COP820C Datasheet HTML 9Page - National Semiconductor (TI) COP820C Datasheet HTML 10Page - National Semiconductor (TI) COP820C Datasheet HTML 11Page - National Semiconductor (TI) COP820C Datasheet HTML 12Page - National Semiconductor (TI) COP820C Datasheet HTML 13Page - National Semiconductor (TI) COP820C Datasheet HTML 14Page - National Semiconductor (TI) COP820C Datasheet HTML 15Page - National Semiconductor (TI) COP820C Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Connection Diagrams (Continued)
Pin Descriptions
V
CC and GND are the power supply pins.
CKI is the clock input. This can come from an external
source, a R/C generated oscillator or a crystal (in conjunc-
tion with CKO). See Oscillator description.
RESET is the master reset input. See Reset description.
PORT I is a four bit Hi-Z input port.
PORT L is an 8-bit I/O port.
There are two registers associated with each L I/O port: a
data register and a configuration register. Therefore, each L
I/O bit can be individually configured under software control
as shown below:
Port L
Config.
Port L
Data
Port L
Setup
0
0
Hi-Z Input (TRI-STATE)
0
1
Input With Weak Pull-Up
1
0
Push-Pull “0” Output
1
1
Push-Pull “1” Output
Three data memory address locations are allocated for
these ports, one for data register, one for configuration reg-
ister and one for the input pins.
PORT G is an 8-bit port with 6 I/O pins (G0–G5) and 2 input
pins (G6, G7). All eight G-pins have Schmitt Triggers on the
inputs. The G7 pin functions as an input pin under normal
operation and as the continue pin to exit the HALT mode.
There are two registers with each I/O port: a data register
and a configuration register. Therefore, each I/O bit can be
individually configured under software control as shown be-
low.
Port G
Config.
Port G
Data
Port G
Setup
0
0
Hi-Z Input (TRI-STATE)
0
1
Input With Weak Pull-Up
1
0
Push-Pull “0” Output
1
1
Push-Pull “1” Output
Three data memory address locations are allocated for
these ports, one for data register, one for configuration reg-
ister and one for the input pins. Since G6 and G7 are input
only pins, any attempt by the user to set them up as outputs
by writing a one to the configuration register will be disre-
garded. Reading the G6 and G7 configuration bits will return
zeros. Note that the chip will be placed in the HALT mode by
setting the G7 data bit.
Six bits of Port G have alternate features:
G0
INTR (an external interrupt)
G3
TIO (timer/counter input/output)
G4
SO (MICROWIRE serial data output)
G5
SK (MICROWIRE clock I/O)
G6
SI (MICROWIRE serial data input)
G7
CKO crystal oscillator output (selected by mask option)
or HALT restart input (general purpose input)
Pins G1 and G2 currently do not have any alternate func-
tions.
PORT D is a four bit output port that is set high when RESET
goes low. Care must be exercised with the D2 pin operation.
At RESET, the external load on this pin must ensure that the
output voltage stays above 0.9 V
CC to prevent the device
from entering special modes. Also, keep the external loading
on the D2 pin to less than 1000 pf.
Functional Description
Figure 1 shows the block diagram of the internal architec-
ture. Data paths are illustrated in simplified form to depict
how the various logic elements communicate with each
other in implementing the instruction set of the device.
ALU AND CPU REGISTERS
The ALU can do an 8-bit addition, subtraction, logical or shift
operation in one cycle time.
There are five CPU registers:
A is the 8-bit Accumulator register
PU is the upper 7 bits of the program counter (PC)
PL is the lower 8 bits of the program counter (PC)
B is the 8-bit address register, can be auto incremented or
decremented.
X is the 8-bit alternate address register, can be incremented
or decremented.
SP is the 8-bit stack pointer, points to subroutine stack (in
RAM).
B, X and SP registers are mapped into the on chip RAM. The
B and X registers are used to address the on chip RAM. The
SP register is used to address the stack in RAM during sub-
routine calls and returns.
PROGRAM MEMORY
Program memory for the COP820C family consists of 1024
bytes of ROM (2048 bytes of ROM for the COP840C family).
These bytes may hold program instructions or constant data.
20 DIP/SO
DS009103-6
28 DIP/SO
DS009103-8
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com