Electronic Components Datasheet Search
  English  ▼

X  

AS16M1 Datasheet(PDF) 1 Page - JSC ALFA.

Part # AS16M1
Description  Serial Controlled, 16-Channel SPCO Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS16M1 Datasheet(HTML) 1 Page - JSC ALFA.

  AS16M1 Datasheet HTML 1Page - JSC ALFA. AS16M1 Datasheet HTML 2Page - JSC ALFA. AS16M1 Datasheet HTML 3Page - JSC ALFA. AS16M1 Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2017 v2
1
AS16M1
5
Serial Controlled, 16-Channel SPCO Switch
FEATURES
Block Diagram
♦ 16 individually serial controlled SPCO switches
♦ SPI-compatible serial interface
♦ multiple devices can be daisy chained
♦ compact 28-Pin package: QFN-28
IN0
IN15
C n trl1 5
C n trl0
C n trl0
C n trl1 5
Rfb
Out
D O u t
D in
C L K
WR
1 6 b it p a ra lle l re g is te r
1 6 b it s e ria l re g is te r
P o w e r o n re s e t
+ 5B G N D d G N D a
Grounding
Grounding
Summing
Summing
.
.
.
Applications
 Electronic music
 Instrumentation
 Signal Routing
 Audio commutation
 Data Acquisition and Process Control
QFN-28 5x5 mm 0,5 mm
Pin Information
General Description
The AS16M1 analog switch with serial digital interface
offers 16 individually controlled single-pole-change-
over (SPCO) switches. All switches conduct equally in
either direction and on-resistance (170
Ω) is constant
over the analog signal range.
These CMOS switches can operate continuously with
power supply +5V and switch input currents in any
combination to output node (summing) or ground them.
Upon power-up, all summing switches are off, grounding
switches are on and the internal serial and parallel shift
registers are reset to zero.
The AS16M1 is
controlled by a serial interface. The
interface is compatible with the SPI interface standard.
Pin on
package
Function
Pin on
package
Function
1, 14, 21
NC
15
OUT
2
IN3
16
IN15
3
IN2
17
IN14
4
IN1
18
IN13
5
IN0
19
IN12
6
RFB
20
IN11
7
GNDa
22
IN10
8
WR
23
IN9
9
CLK
24
IN8
10
DIn
25
IN7
11
DOut
26
IN6
12
Ucc
27
IN5
13
GNDd
28
IN4
10
DIn
CLK
WR
SUM
DOut
11
9
6
8
RFB
5
IN0
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
IN9
IN10
IN11
IN12
IN13
IN14
IN15
15
4
3
2
28
27
26
25
24
23
22
20
19
OUT
GNDa
18
17
16
7
12
Ucc
GNDd
13
Absolute Maximum Ratings
Ucc to GND
-0,3V to +6V
Power Dissipation
50mW
Current through summing/grounding
switch
-1mA to +2 mA
Current through Rfb
-1mA to +2mA
URfb
-0,3V to +0,3V
Operating Temperature Range
AS16M1
-
40°C to 85°C
Maximum Junction Temperature
150°C
Storage Temperature Range
-
65°C to 150°C


Similar Part No. - AS16M1

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS160-86 ALPHA-AS160-86 Datasheet
50Kb / 3P
PHEMT GaAs IC Transmit/Dual Receive Switch With Diversity Antennas 0.5-2 GHz
logo
Power-One
AS1601-7R POWER-ONE-AS1601-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
Kinetic Technologies.
AS1602 KINETIC-AS1602 Datasheet
159Kb / 2P
Dual Channel Active EMI & ESD Suppressor for
March 2022 - Revision 04d
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
High Speed Differential Comparator
AS161C014/MIL AUSTIN-AS161C014/MIL Datasheet
757Kb / 8P
High Speed Differential Comparator
More results

Similar Description - AS16M1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
121Kb / 12P
Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
logo
Analog Devices
ADG725 AD-ADG725_15 Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled
REV. A
ADG731 AD-ADG731_15 Datasheet
362Kb / 16P
16-/32-Channel, Serially Controlled
REV. A
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
Serial I/F Controlled 9-Channel Motor-Driver
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
Serial I/F Controlled 7-Channel Motor-Driver
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
Serial data controlled dual channel electronic volume control
logo
Maxim Integrated Produc...
MAX14724 MAXIM-MAX14724 Datasheet
1Mb / 25P
Serial-Controlled 8:4 Matrix Switch Multiplexer
19-7575; Rev 2; 9/15
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
logo
Renesas Technology Corp
CPS-16 RENESAS-CPS-16 Datasheet
904Kb / 48P
16-Port Serial RapidIO® Switch
April 6, 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com