Electronic Components Datasheet Search
  English  ▼

X  

AS16M1 Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS16M1
Description  Serial Controlled, 16-Channel SPCO Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS16M1 Datasheet(HTML) 2 Page - JSC ALFA.

  AS16M1 Datasheet HTML 1Page - JSC ALFA. AS16M1 Datasheet HTML 2Page - JSC ALFA. AS16M1 Datasheet HTML 3Page - JSC ALFA. AS16M1 Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2017 v2
2
AS16M1
5
DC ELECTRICAL CHARACTERISTICS
Ucc= +5V. Typical values are at TA = +25°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCH
Input Analog Signal Range
IANALOG
Ucc=5V, UIN=5V
-1
+2
mA
Resistance of summing switch
RSUM
Ucc=5V, ISUM=1 mA
100
150
Ohm
Current through summing switch
ISUM
Ucc=5V, UIN=5V
-1
2)
+2
2)
mA
Resistance of grounding switch
RGROUND
Ucc=5V, IGROUND=1 mA
200
250
Ohm
Current through grounding switch
IGROUND
Ucc=5V, UIN=5V
-1
2)
+2
2)
mA
Current through Rfb
I RFB
Ucc=5V, UIN=5V
-1
2)
+2
2)
mA
DIGITAL I/O
Din, CLK, WR Input Logic Threshold High
UIH
2/3 Ucc
V
Din, CLK, WR Input LogicThreshold Low
UIL
1/3Ucc
V
OUT Output Voltage Logic High
UDOUT
IDOUT = 0,8mA
3,5
Ucc
V
OUT Output Voltage Logic Low
UDOUT
IDOUT = -1,6mA
0,4
V
UL RESET Voltage
ULL
(Note 1)
TBD
V
Uh RESET Voltage
ULH
TBD
V
SWITCH DYNAMIC CHARACTERISTICS
Turn-On Time
tON
From rising edge of WR
400
ns
Turn-Off Time
tOFF
From rising edge of WR
400
ns
Maximum frequency
Fclk
20
MHz
POWER SUPPLIES
Power-Supply Voltage Range
Ucc
4,5
5,2
V
Ucc Supply Current
Icc
UIL / UIH (Din, CLK, WR) =
0V/5V
1
mkA
Note 1: When UL falls below this voltage internal shift and parallel registers are cleared (all zero), summing
switches closed and grounding switches are open.
Note 2: Sum of all currents trough Input must not exceed limitation for Current through Rfb limitation.
Timing Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com