Electronic Components Datasheet Search
  English  ▼

X  

AS301AN Datasheet(PDF) 2 Page - JSC ALFA.

Part # AS301AN
Description  Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS301AN Datasheet(HTML) 2 Page - JSC ALFA.

  AS301AN Datasheet HTML 1Page - JSC ALFA. AS301AN Datasheet HTML 2Page - JSC ALFA. AS301AN Datasheet HTML 3Page - JSC ALFA. AS301AN Datasheet HTML 4Page - JSC ALFA. AS301AN Datasheet HTML 5Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2019 v.2
2
AS301A
AS301AN
Absolute Maximum Ratings
AS301A,
AS301AN
Supply Voltage, V
±18V
Differential Input Voltage (Note 1)
±30V
Input Voltage (Note 1)
±15V
Operating Ambient Temp. Range
-0
OC to +70OC
Tjmax
100
OC
Power Dissipation at Tamb=25
OC
200mW
Thermal Resistance (Typical)
135
OC/W
Storage Temperature Range
-65
OC to 150OC
Lead Temperature (Soldering, 10 sec.)
260
OC
Electrical Characteristics (C1=30 pF, ±5 V≤ VS≤±15V , 0
OC≤ Tamb≤+70OC )
Parameter
Conditions
AS301A, AS301AN
Units
Min
Typ
Max
Input Offset Voltage
Tamb=25
OC, Rs≤50 kΩ
2
5
mV
Input Offset Current
Tamb=25
OC, R
L≥10 kΩ
30
200
nA
Input Bias Current
Tamb=25
OC,
250
500
nA
Input Resistance
Tamb=25
OC
0,5
2
MΩ
Supply Current
Vs
=±15V
1,8
3
mA
Large Signal Voltage
Gain
Tamb=25
OC, Vs=±15V,
RL≥2 kΩ, Vout=±10V
50
V/mV
Input Offset Voltage
Rs
≤50kΩ, Tamb=Τmax
10
mV
Average Temperature
Coefficient of Input
Offset Voltage
Rs≤50 kΩ
6
30
μV/
OC
Input Offset Current
Tamb=Τmax
300
nA
Average Temperature
Coefficient of Input
Offset Current
25
OC≤Tamb≤Τmax
0,01
0,3
nA/
OC
Τmin≤Tamb≤25
OC
0,02
0,6
nA/
OC
Input Bias Currnet
Tamb =Τmax
600
nA
Large Signal Voltage
Gain
Vs=±15V, Vout=±10V,
RL≥2 kΩ
15
V/mV
Output Voltage Swing
Vs=±15V, R
L=10 kΩ
±12
±14
V
RL=2 kΩ
±11
±13
V
Input Voltage Range
Vs
=±15V
±12
+15,-13
V
Common-Mode
Rejection Ratio
Rs
≤ 50 kΩ
70
90
dB
Supply Voltage
Rejection Ratio
Rs
≤ 50 kΩ
70
96
dB
Note 1:
For supply voltages less than ±15V, the absolute maximum input voltage is equal to
the supply voltage.
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com