Electronic Components Datasheet Search
  English  ▼

X  

AS301AN Datasheet(PDF) 3 Page - JSC ALFA.

Part # AS301AN
Description  Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS301AN Datasheet(HTML) 3 Page - JSC ALFA.

  AS301AN Datasheet HTML 1Page - JSC ALFA. AS301AN Datasheet HTML 2Page - JSC ALFA. AS301AN Datasheet HTML 3Page - JSC ALFA. AS301AN Datasheet HTML 4Page - JSC ALFA. AS301AN Datasheet HTML 5Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2019 v.2
3
AS301A
AS301AN
Typical Performance Characteristics for Various Compensation Circuits
Balancing Circuit
Two Pole Compensation
R2
V
OUT
–V
IN
+V
IN
C1
C1
1
2
–
+
3
8
6
R1
R1+R2
R1 C
S
C =30 pF
S
R3
R2
V
OUT
–V
IN
+V
IN
C1
C2
R4
10k
C1
1
2
–
+
3
6
R1
R1+R2
R1 C
S
C = 30 pF
S
R3
C2= 10 C1
Single Pole Compensation
Feedforward Compensation
R2
V
OUT
–V
IN
+V
IN
C1
C1
1
2
–
+
3
8
6
R1
R1+R2
R1 C
S
C =30 pF
S
R3
R2
V
OUT
V
IN
C1
R3
C2=
1
2
–
+
3
6
150 pF
R1
C2
2
 
0 R2
1
f = 3 MHz
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com