Electronic Components Datasheet Search
  English  ▼

X  

ESDSM712 Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # ESDSM712
Description  Low Capacitance ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

ESDSM712 Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  ESDSM712 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd ESDSM712 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd ESDSM712 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd ESDSM712 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESD Protection Diode
Trustworthy electronic circuit protection expert
ESDSM712
www.yint.com.cn
Rev:19.3
Rev:19.3
1
Low Capacitance ESD Protection -ESDSM712
Description
The SM712 transient voltage suppressor (TVS)
diode is designed for asymmetrical (12V to -7V )
protection in multi-point data transmission standard
RS-485 applications. The SM712 features 400 Watts (tp
= 8/20μs) of power handling capability to accommodate
the higher transient voltage levels which may be expected
in extended common mode applications. This provides
higher equipment reliability and eliminates the “ guess
work ” required when using zener diodes that are not
rated to handle such transient conditions. The SM712
replaces four discrete components by integrating two 12V
and two 7V TVS diodes in a single package.
Feature
Case :JEDEC SOT-23 package
Low clamping voltage
Low leakage current
Small packaging options saves board space
Low capacitance
Compatible with IEC 61000-4-2(ESD) :Air 15KV ,
Contact 8KV
Compatible with IEC 61000-4-4(EFT) :40A ,5/50 nS
Compatible with IEC 61000-4-5(Surge):24A
Applications
RS485 port protection
Wireless systems
Security systems
Network protection
Portable electronics
Circuit Diagram
Schematic and PIN Configuration
RS-485 Protection Circuit


Similar Part No. - ESDSM712

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
ESDSMDA15C YINT-ESDSMDA15C Datasheet
406Kb / 3P
ESD Protection Diode
More results

Similar Description - ESDSM712

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R Datasheet
166Kb / 3P
Low Capacitance ESD Protection
ESDL05R SECOS-ESDL05R_15 Datasheet
166Kb / 3P
Low Capacitance ESD Protection
STESD05CL SECOS-STESD05CL_15 Datasheet
412Kb / 3P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PJEC5V0M1TM PANJIT-PJEC5V0M1TM Datasheet
260Kb / 6P
Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
FM05VDB-10PF FUTUREWAFER-FM05VDB-10PF Datasheet
789Kb / 6P
Low Capacitance ESD Protection
logo
SeCoS Halbleitertechnol...
KS05VL4 SECOS-KS05VL4_18 Datasheet
160Kb / 2P
Low Capacitance ESD Protection
logo
Shanghai Yint Electroni...
ESDSLVU2.8-4 YINT-ESDSLVU2.8-4 Datasheet
842Kb / 4P
Low Capacitance ESD Protection
logo
Littelfuse
AQ3400 LITTELFUSE-AQ3400 Datasheet
1Mb / 5P
Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1605M4AQ PANJIT-PE1605M4AQ Datasheet
331Kb / 5P
Low Capacitance ESD Protection
February 9,2017-REV.00
PEC3107M1AQ PANJIT-PEC3107M1AQ Datasheet
224Kb / 5P
Low Capacitance ESD Protection
July 5,2018-REV.01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com