Electronic Components Datasheet Search
  English  ▼

X  

ESDSM712 Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # ESDSM712
Description  Low Capacitance ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

ESDSM712 Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  ESDSM712 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd ESDSM712 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd ESDSM712 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd ESDSM712 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ESD Protection Diode
Trustworthy electronic circuit protection expert
ESDSM712
www.yint.com.cn
Rev:19.3
Rev:19.3
2
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Peak Current (tp =8/20μs)
PPK
400
W
Peak Current (tp =8/20μs)
IPP
17
A
IEC61000-4-2 (Contact)
VESD
8
KV
IEC61000-4-2 (Air)
VESD
15
KV
Lead Soldering Temperature
TL
260 (10 sec)
°
C
Operating Temperature
TJ
-50 to 125
°
C
Storage Temperature Range
TSTG
-50 to 150
°
C
Electrical Characteristics (T =25°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-off Voltage
VRWM
1or2 to 3
12
V
3 to 1 or 2
7
Reverse Breakdown Voltage
VBR
It = 1mA
1or2 to 3
13.3
V
3 to 1 or 2
7.5
Reverse Leakage Current
IR
VR =VRWM
1or2 to 3
1
μ
A
3 to 1 or 2
20
Clamping Voltage
VC
IPP=5A,
tP= 8/20μs
1or2 to 3
20
V
3 to 1 or 2
10
Clamping Voltage
VC
IPP=17A,
tP = 8/20μs
1or2 to 3
26
V
3 to 1 or 2
12
Junction Capacitance
CJ
VR=0V,
f = 1MHz
1or2 to 3
45
75
pF
3 to 1 or 2
45
75
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com