Electronic Components Datasheet Search
  English  ▼

X  

AS13704 Datasheet(PDF) 1 Page - JSC ALFA.

Part # AS13704
Description  Quad Operational Transconductance Amplifiers (OTA) with linearizing diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS13704 Datasheet(HTML) 1 Page - JSC ALFA.

  AS13704 Datasheet HTML 1Page - JSC ALFA. AS13704 Datasheet HTML 2Page - JSC ALFA. AS13704 Datasheet HTML 3Page - JSC ALFA. AS13704 Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.2
1
AS13704
AS13704D Quad Operational Transconductance Amplifiers (OTA)
with linearizing diodes
Features
Applications
AS13704 D
•g
m adjustable over 6 decades
•excellent gm linearity
•excellent matching between
amplifiers
•linearizing diodes for reduced output
distortion
•high output SNR
•LM13700 functional replacement
(without output buffers)
•current-controlled amplifiers
•stereo audio amplifiers
•current-controlled impedances
•current-controlled filters
•current-controlled oscillators
•multiplexers
•timers
•S&H circuits
1
12
24
SSOP24 , 150mil, 0.635 mm
General Description
The AS13704D consists of four current-controlled transconductance amplifiers OTA, each with differential inputs
and a push-pull output. All amplifiers share common supplies, but operate independently. Linearizing diodes are
provided at the inputs to reduce distortion and allow higher input levels. The result is a 10-dB signal-to-noise
improvement referenced to 0.5 percent THD.
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AS13704D
SSOP 24
150 mil, 0.635 mm pitch
Connection Diagram
2
1
3
4
5
6
7
12
11
10
9
8
DIODE
BIAS4
DIODE
BIAS2
DIODE
BIAS1
DIODE
BIAS3
AMP
BIAS
INPUT1
AMP
BIAS
INPUT3
AMP
BIAS
INPUT4
AMP
BIAS
INPUT2
23
24
22 21 20 19 18
13
14
15
16
17
+IN1 -IN1
OUT1
OUT2
+IN2
-IN2
+IN3
-IN3
+IN4
OUT4
-IN4
-Vs
NC
OUT3
NC
+Vs
-
-
+
+
-
+
-
+
Pin Functions
Pin
Description
Name
Number
Amp bias input 1,2,3,4
1, 12, 13, 24
Current bias input
Diode bias 1,2,3,4
2, 11, 14, 23
Linearizing diode bias input
+IN 1,2,3,4
3, 10, 15, 22
Positive input
- IN 1,2,3,4
4, 9, 16, 21
Negative input
Output 1,2,3,4
5, 8, 17, 20
Output
+Vs
19
Positive power supply
-Vs
6
Negative power supply
NC
7, 18
Not connected


Similar Part No. - AS13704

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1370 AMSCO-AS1370 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDT-27 AMSCO-AS1370-ATDT-27 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDT-28 AMSCO-AS1370-ATDT-28 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDT-33 AMSCO-AS1370-ATDT-33 Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
AS1370-ATDTSAMPLE AMSCO-AS1370-ATDTSAMPLE Datasheet
969Kb / 28P
Input voltage from 2.6V to 50V
More results

Similar Description - AS13704

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM13600 NSC-LM13600 Datasheet
634Kb / 24P
Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
LM13700 NSC-LM13700 Datasheet
633Kb / 24P
Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
August 2004
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
May 2002
logo
Texas Instruments
LM13700MX TI1-LM13700MX Datasheet
1Mb / 32P
LM13700 Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
Dual Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com