Electronic Components Datasheet Search
  English  ▼

X  

AS13704 Datasheet(PDF) 3 Page - JSC ALFA.

Part # AS13704
Description  Quad Operational Transconductance Amplifiers (OTA) with linearizing diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS13704 Datasheet(HTML) 3 Page - JSC ALFA.

  AS13704 Datasheet HTML 1Page - JSC ALFA. AS13704 Datasheet HTML 2Page - JSC ALFA. AS13704 Datasheet HTML 3Page - JSC ALFA. AS13704 Datasheet HTML 4Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
2018 v.2
3
AS13704
Electrical Characteristics
These specifications apply for Vs
= ±15 V, T
A = 25°C, amplifier bias current (IABC) = 500 μA, pins 2, 11, 14, 23
open unless otherwise specified. The outputs are open.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input offset voltage (VOS)
Over specified temperature range
0,5
4
mV
IABC = 5 μA
0,5
2
VOS including diodes (VosDIO)
Diode bias current (ID) = 500 μA
0,8
3
mV
Input offset change (VosCH)
5
μA ≤ I
ABC ≤ 500 μA
0
1
mV
Input offset current (IOI)
0
0,2
μA
Input bias current (II)
0,9
1,5
μA
Over specified temperature range
1
8
Forward transconductance (gm)
IABC = 500 μA
7700
8500
9100
μS
Over specified temperature range
5400
gm tracking
0,3
dB
Peak output current
RL = 0, IABC = 5 μA
4,7
μA
RL = 0, IABC = 500 μA
400
450
510
RL = 0, Over specified temp range
300
Supply current
IABC = 500 μA, all channels
6
mA
CMRR
80
100
dB
Common-mode range
±12
±13
V
Crosstalk
Referred to input(1) 20 Hz < f < 20 kHz
100
dB
Differential input current
(IDIC)
IABC = 0, input = ±4 V
5.4
16
nA
Leakage current
(ILC)
IABC = 0 (refer to test circuit)
0.2
100
nA
Input resistance
10
26
k
Ω
Open-loop bandwidth
2
MHz
Slew rate
Unity gain compensated
50
V/μs
PEAK OUTPUT VOLTAGE
Positive
RL = ∞, 5 μA ≤ IABC ≤ 500 μA
13
13
V
Negative
RL = ∞, 5 μA ≤ IABC ≤ 500 μA
-13,5
-13,2
V
VOS SENSITIVITY
Positive
ΔV
OS/ΔV
+
20
150
μV/V
Negative
ΔV
OS/ΔV
−
20
150
μV/V
Noise Voltage (en)
IABC = 1 mA
20Hz
300
pA/
Hz
1kHz
150
pA/
Hz
10kHz
150
pA/
Hz
IABC = 100 μA
20Hz
24
pA/
Hz
1kHz
20
pA/
Hz
10kHz
20
pA/
Hz
Leakage Current Test Circuit
Differential Input Current Test Circuit
A
+15V
2,11,
14,23
3,10,
15,22
5,8,17,20
A
+15V
4,9,16,21
2,11,14,23
3,10,15,22
5,8,17,20
-15V
±4V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com