Electronic Components Datasheet Search
  English  ▼

X  

PE3M0100 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3M0100
Description  MIL-DTL-17 BNC Male to BNC Male Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0100 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3M0100 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0100 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0100 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0100 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0100 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0100 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
3
*Length Tolerances: +0.5, -0 inches for Length ≤ 1 foot; +1, -0 inches for Length >1 to 5 feet; +2, -0 inches for Length >5 to 10 feet; +3, -0 inches for Length >10 to 25 feet and
+2%, -0 inches for Length >25 feet.
Cable Characteristics
Description
Specification
Cable Type
M17/119-RG174
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel
Dielectric Type
PE
Number of Shields
1
Shield Layer 1
Tinned Copper
Outer Conductor Diameter
0.088 in [2.24 mm]
Jacket Material
PVC
.
Connector Characteristics
Description
Connector 1
Connector 2
Type
BNC Male
BNC Male
Specification
MIL-PRF-39012
MIL-PRF-39012
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
MIL-G-45204
MIL-G-45204
Dielectric Type
Teflon
Teflon
Body Material and Plating
Brass, Silver
Brass, Silver
Body Plating Specification
QQ-S-365
QQ-S-365
Seal Gasket Material
Silicone Rubber
Silicone Rubber
Contact Gage Specification
0.210 to 0.230 in
0.210 to 0.230 in
Insulator Gage Specification
0.208 to 0.228 in
0.208 to 0.228 in
.
Mechanical Specification Notes:
Environmental Specifications
Description
Specification
Temperature Operating Range
-40 to +85 deg C
.
PE3M0100 REV 1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MIL-DTL-17 BNC Male to BNC Male Cable Using M17/119-RG174 Coax PE3M0100
RF Cable Assemblies Technical Data Sheet
MIL-DTL-17 BNC Male to BNC Male Cable
Using M17/119-RG174 Coax
PE3M0100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com