Electronic Components Datasheet Search
  English  ▼

X  

PE3M0100 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3M0100
Description  MIL-DTL-17 BNC Male to BNC Male Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0100 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3M0100 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0100 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0100 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0100 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0100 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0100 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Configuration
• Connector 1: M39012/16-0220(BNC Male)
• Connector 2: M39012/16-0220(BNC Male)
• Cable: M17/119-RG174
Features
• Max Frequency 1 GHz
• 65.9% Phase Velocity
• PVC Jacket
• Lot Traceability
• J-STD-Soldering
•
Qualified (QPL) cable and connectors
• RF Test Plots
• Test Report
• In stock and ready to ship
Applications
• Hi-Rel
• MIL-DTL-17 Requirements
• Avionics
• IFF
• SATCOM
• ECM
.
Description
Pasternack’s MIL-DTL-17 cable assemblies are part of our full line of reliable RF components available for same-day ship-
ping. These commercial-off-the-shelf (COTS), military grade cable assemblies are designed and processed with high reli-
ability in mind. MIL-PRF-39012 connectors and MIL-C-17 coaxial cable are assembled using J-STD soldering processes and
WHMA-A-620 workmanship criteria. The combination of materials, processing and acceptance testing work together to create
a dependable cable assembly for applications where performance over time is important or the cost of failure is high. Each
finished MIL-DTL-17 cable assembly is traceable to its component lots and a test report is available for every lot produced.
Our MIL-DTL-17 cable assembly datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave cable assemblies allow designers to configure and cus-
tomize their signal connections however they like. Whether the need is to provide reliable mil-spec connections or fielding
dependable RF cable assemblies, Pasternack has the right cable assemblies for the job. Pasternack can also expertly build
your custom cable assemblies for you and ship same day.
Referenced Specifications
IPC/WHMA-A-620
Requirements and Acceptance for Cable and Wire Harness Assemblies
MIL-DTL-17
Cables, Radio Frequency, Flexible and Semirigid, General Specification for
MIL-STD-348
Radio Frequency Connector Interfaces for MIL-DTL-3643, MIL-DTL-3650, MIL-DTL-3655, MIL-
DTL-25516, MIL-PRF-31031, MIL-PRF-39012, MIL-PRF-49142, MIL-PRF...
MIL-PRF-39012
Connectors, Coaxial, Radio Frequency, General Specification for
IPC J-STD-001
Requirements for Soldered Electrical and Electronic Assemblies
IPC J-STD-006
Requirements for Electronic Grade Solder Alloys and Fluxed and Non-Fluxed Solid Solders for
Electronic Soldering Applications
SAE AS5942
Marking of Electrical Insulating Materials
SAE AS23053
Insulation Sleeving, Electrical, Heat Shrinkable, General Specifications For
SAE AS22520
Crimping Tools, Wire Termination, General Specification For
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MIL-DTL-17 BNC Male to BNC Male Cable Using M17/119-RG174 Coax PE3M0100
PE3M0100 REV 1
MIL-DTL-17 BNC Male to BNC Male Cable
Using M17/119-RG174 Coax
RF Cable Assemblies Technical Data Sheet
PE3M0100


Similar Part No. - PE3M0100

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3M0101 PASTERNACK-PE3M0101 Datasheet
539Kb / 6P
MIL-DTL-17 BNC Male to SMA Male Cable
PE3M0102 PASTERNACK-PE3M0102 Datasheet
540Kb / 6P
MIL-DTL-17 BNC Male to SMA Male Right Angle Cable
PE3M0103 PASTERNACK-PE3M0103 Datasheet
545Kb / 6P
MIL-DTL-17 BNC Male to SMA Female Bulkhead Cable
PE3M0104 PASTERNACK-PE3M0104 Datasheet
553Kb / 6P
MIL-DTL-17 BNC Male to TNC Male Cable
More results

Similar Description - PE3M0100

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3M0007 PASTERNACK-PE3M0007 Datasheet
549Kb / 6P
MIL-DTL-17 BNC Male to TNC Male Cable
PE3M0029 PASTERNACK-PE3M0029 Datasheet
539Kb / 6P
MIL-DTL-17 BNC Male to BNC Male Cable
PE3M0030 PASTERNACK-PE3M0030 Datasheet
537Kb / 6P
MIL-DTL-17 BNC Male to N Male Cable
PE3M0057 PASTERNACK-PE3M0057 Datasheet
538Kb / 6P
MIL-DTL-17 BNC Male to BNC Male Cable
PE3M0058 PASTERNACK-PE3M0058 Datasheet
537Kb / 6P
MIL-DTL-17 BNC Male to N Male Cable
PE3M0061 PASTERNACK-PE3M0061 Datasheet
537Kb / 6P
MIL-DTL-17 BNC Male to SMA Male Cable
PE3M0085 PASTERNACK-PE3M0085 Datasheet
541Kb / 6P
MIL-DTL-17 BNC Male to BNC Male Cable
PE3M0089 PASTERNACK-PE3M0089 Datasheet
554Kb / 6P
MIL-DTL-17 BNC Male to TNC Male Cable
PE3M0104 PASTERNACK-PE3M0104 Datasheet
553Kb / 6P
MIL-DTL-17 BNC Male to TNC Male Cable
PE3M0115 PASTERNACK-PE3M0115 Datasheet
537Kb / 6P
MIL-DTL-17 BNC Male to BNC Male Cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com