Electronic Components Datasheet Search
  English  ▼

X  

COPCH922C Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCH922C
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCH922C Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COPCH922C Datasheet HTML 5Page - National Semiconductor (TI) COPCH922C Datasheet HTML 6Page - National Semiconductor (TI) COPCH922C Datasheet HTML 7Page - National Semiconductor (TI) COPCH922C Datasheet HTML 8Page - National Semiconductor (TI) COPCH922C Datasheet HTML 9Page - National Semiconductor (TI) COPCH922C Datasheet HTML 10Page - National Semiconductor (TI) COPCH922C Datasheet HTML 11Page - National Semiconductor (TI) COPCH922C Datasheet HTML 12Page - National Semiconductor (TI) COPCH922C Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AC Electrical Characteristics
−55˚C
≤ T
A≤+125˚C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Instruction Cycle Time (tc)
Ext. or Crystal/Resonant
V
CC ≥ 4.5V
1
DC
µs
(Div-by 10)
CKI Clock Duty Cycle (Note 18)
fr = Max
40
60
%
Rise Time (Note 18)
fr = 10 MHz Ext Clock
12
ns
Fall Time (Note 18)
fr = 10 MHz Ext Clock
8
ns
Inputs
t
SETUP
V
CC ≥ 4.5V
220
ns
t
HOLD
V
CC ≥ 4.5V
66
ns
Output Propagation Delay
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
V
CC ≥ 4.5V
0.8
µs
All Others
V
CC ≥ 4.5V
1.1
µs
MICROWIRE Setup Time (t
UWS)20
ns
MICROWIRE Hold Time (t
UWH)56
ns
MICROWIRE Output Valid Time
(t
UPD)
220
ns
Input Pulse Width
Interrupt Input High Time
t
C
Interrupt Input Low Time
t
C
Timer Input High Time
t
C
Timer Input Low Time
t
C
Reset Pulse Width
1
µs
Note 18: Parameter sampled (not 100% tested).
Typical Performance Characteristics (−40˚C ≤ T
A ≤ +85˚C)
Halt — I
DD
DS009103-20
Dynamic — I
DD (Crystal Clock Option)
DS009103-21
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com