Electronic Components Datasheet Search
  English  ▼

X  

08053C103MAT7A Datasheet(PDF) 3 Page - AVX Corporation

Part # 08053C103MAT7A
Description  General Specifications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08053C103MAT7A Datasheet(HTML) 3 Page - AVX Corporation

  08053C103MAT7A Datasheet HTML 1Page - AVX Corporation 08053C103MAT7A Datasheet HTML 2Page - AVX Corporation 08053C103MAT7A Datasheet HTML 3Page - AVX Corporation 08053C103MAT7A Datasheet HTML 4Page - AVX Corporation 08053C103MAT7A Datasheet HTML 5Page - AVX Corporation 08053C103MAT7A Datasheet HTML 6Page - AVX Corporation 08053C103MAT7A Datasheet HTML 7Page - AVX Corporation 08053C103MAT7A Datasheet HTML 8Page - AVX Corporation 08053C103MAT7A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
13
X7R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
MM
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
MM
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
MM
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
10
16
6.3
10
16
25
50
6.3
10
16
25
50
100
200
10
16
25
50
100
200
10
16
25
50
100
200
Cap
100
A
A
C
C
C
C
C
(pF)
120
A
A
C
C
C
C
C
150
A
A
C
C
C
C
C
180
A
A
C
C
C
C
C
G
G
G
G
G
G
G
220
A
A
C
C
C
C
C
G
G
G
G
G
G
G
270
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
330
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
390
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
470
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
560
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
680
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
820
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
1000
A
A
C
C
C
C
C
G
G
G
G
G
G
G
E
E
E
E
E
E
J
J
J
J
J
J
1200
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
1500
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
1800
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
2200
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
2700
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
3300
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
3900
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
E
J
J
J
J
J
J
J
4700
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
J
J
J
J
J
J
J
J
5600
C
C
C
C
C
G
G
G
G
G
G
E
E
E
E
J
J
J
J
J
J
J
J
6800
C
C
C
C
G
G
G
G
G
G
E
E
E
E
J
J
J
J
J
J
J
J
8200
C
C
C
C
G
G
G
G
G
G
E
E
E
E
J
J
J
J
J
J
J
J
Cap.
0.010
C
C
C
G
G
G
G
G
G
E
E
E
E
J
J
J
J
J
J
J
J
(µF)
0.012
C
C
C
G
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
M
0.015
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
M
0.018
C
C
C
G
G
G
G
G
J
J
J
J
J
M
J
J
J
J
J
M
0.022
C
C
C
G
G
G
G
G
J
J
J
J
J
M
J
J
J
J
J
M
0.027
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
0.033
C
C
G
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
0.039
C
C
G
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
0.047
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
0.056
G
G
G
J
J
J
J
J
J
J
J
J
P
0.068
G
G
G
J
J
J
J
J
J
J
J
J
P
0.082
G
G
G
J
J
J
J
J
J
J
J
M
0.10
G
G
G
J
J
J
J
J
J
J
J
M
0.12
G
G
J
J
J
M
J
J
J
J
0.15
G
G
J
J
J
J
J
J
J
0.18
G
G
J
J
M
J
J
J
J
0.22
G
G
J
J
M
J
J
J
J
0.27
MM
J
J
J
M
0.33
MM
J
J
M
M
0.47
NM
M
M
M
M
0.56
NM
M
Q
0.68
NM
M
Q
0.82
NM
M
Q
1.0
NM
M
Q
1.2
P
1.5
P
1.8
P
2.2
Q
3.3
4.7
10
22
47
100
WVDC
10
16
6.3
10
16
25
50
6.3
10
16
25
50
100
200
10
16
25
50
100
200
10
16
25
50
100
200
SIZE
0201
0402
0603
0805
1206
Contact Factory for Multiples
L
W
T
t
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
BB
CC
Max.
0.33
0.56
0.71
0.86
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
3.05
3.175
Thickness
(0.013)
(0.022)
(0.028)
(0.034)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
(0.120)
(0.125)
PAPER
EMBOSSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com