Electronic Components Datasheet Search
  English  ▼

X  

08053C103MAT7A Datasheet(PDF) 14 Page - AVX Corporation

Part # 08053C103MAT7A
Description  General Specifications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08053C103MAT7A Datasheet(HTML) 14 Page - AVX Corporation

Back Button 08053C103MAT7A Datasheet HTML 10Page - AVX Corporation 08053C103MAT7A Datasheet HTML 11Page - AVX Corporation 08053C103MAT7A Datasheet HTML 12Page - AVX Corporation 08053C103MAT7A Datasheet HTML 13Page - AVX Corporation 08053C103MAT7A Datasheet HTML 14Page - AVX Corporation 08053C103MAT7A Datasheet HTML 15Page - AVX Corporation 08053C103MAT7A Datasheet HTML 16Page - AVX Corporation 08053C103MAT7A Datasheet HTML 17Page - AVX Corporation 08053C103MAT7A Datasheet HTML 18Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
54
General Description
Typical Cap. Change vs. D.C. Volts
X7R
Typical Cap. Change vs. Temperature
X7R
Effects of Time – Class 2 ceramic capacitors change
capacitance and dissipation factor with time as well as tem-
perature, voltage and frequency. This change with time is
known as aging. Aging is caused by a gradual re-alignment
of the crystalline structure of the ceramic and produces an
exponential loss in capacitance and decrease in dissipation
factor versus time. A typical curve of aging rate for semi-
stable ceramics is shown in Figure 6.
If a Class 2 ceramic capacitor that has been sitting on the
shelf for a period of time, is heated above its curie point,
(125°C for 4 hours or 150°C for 1⁄2 hour will suffice) the part
will de-age and return to its initial capacitance and dissi-
pation factor readings. Because the capacitance changes
rapidly, immediately after de-aging, the basic capacitance
measurements are normally referred to a time period some-
time after the de-aging process. Various manufacturers use
different time bases but the most popular one is one day
or twenty-four hours after “last heat.” Change in the aging
curve can be caused by the application of voltage and
other stresses. The possible changes in capacitance due to
de-aging by heating the unit explain why capacitance
changes are allowed after test, such as temperature cycling,
moisture resistance, etc., in MIL specs. The application of
high voltages such as dielectric withstanding voltages also
tends to de-age capacitors and is why re-reading of capaci-
tance after 12 or 24 hours is allowed in military specifica-
tions after dielectric strength tests have been performed.
Effects of Frequency – Frequency affects capacitance
and impedance characteristics of capacitors. This effect is
much more pronounced in high dielectric constant ceramic
formulation that is low K formulations. AVX’s SpiCap soft-
ware generates impedance, ESR, series inductance, series
resonant frequency and capacitance all as functions of
frequency, temperature and DC bias for standard chip sizes
and styles. It is available free from AVX and can be down-
loaded for free from AVX website: www.avxcorp.com.
25%
50%
75%
100%
Percent Rated Volts
2.5
0
-2.5
-5
-7.5
-10
0VDC
-55 -35
-15
+5
+25 +45 +65 +85 +105 +125
Temperature Degrees Centigrade
+20
+10
0
-10
-20
-30
Figure 4
Figure 5
1
10
100
1000 10,000 100,000
Hours
+1.5
0
-1.5
-3.0
-4.5
-6.0
-7.5
Characteristic
Max. Aging Rate %/Decade
C0G (NP0)
X7R, X5R
Y5V
None
2
7
Figure 6
Typical Curve of Aging Rate
X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com