Electronic Components Datasheet Search
  English  ▼

X  

THNCF192MBAI Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # THNCF192MBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCF192MBAI Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button THNCF192MBAI Datasheet HTML 9Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 10Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 11Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 12Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 13Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 14Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 15Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 16Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
13/48
Preliminary
3.
True IDE Mode
The card can be configured in a True IDE This card is configured in this mode only when the-OE input signal
is asserted GND by the host. In this True IDE mode Attribute Registers are not accessible from the host.
Only I/O operation to the task file and data register is allowed. If this card is configured during power on
sequence, data register is accessed in word (16-bit). The card permits 8-bit accessed if the user issues a Set
Feature Command to put the device in 8-bit mode.
• True IDE Mode Read I/O Function
Mode
−CE2
−CE1
A0~A2
−IORD
−IOWR
D8 to D15
D0 to D7
Invalid mode
L
L
X
X
X
High-Z
High-Z
Standby mode
H
H
X
X
X
High-Z
High-Z
Data register access
H
L
0
L
H
odd byte
even byte
Alternate status access
L
H
6H
L
H
High-Z
Status out
Other task file access
H
L
1~7H
L
H
High-Z
Data
Note:
X
→ L or H
• True IDE Mode Write I/O Function
Mode
−CE2
−CE1
A0~A2
−IORD
−IOWR
D8 to D15
D0 to D7
Invalid mode
L
L
X
X
X
Don’t care
Don’t care
Standby mode
H
H
X
X
X
Don’t care
even byte
Data register access
H
L
0
H
L
odd byte
Don’t care
Control register access
L
H
6H
H
L
Don’t care
Control in
Other task file access
H
L
1~7H
H
L
odd byte
Data
Note:
X
→ L or H
• True IDE Mode I/O Access Timing Example
−IORD
−IOIS16
−IOWR
D0~D15
−CE
A0~A2
Dout
Din
Read cycle
Write cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com