Electronic Components Datasheet Search
  English  ▼

X  

THNCF192MBAI Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # THNCF192MBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCF192MBAI Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button THNCF192MBAI Datasheet HTML 17Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 18Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 19Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 20Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 21Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 22Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 23Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 24Page - Toshiba Semiconductor THNCF192MBAI Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
21/48
Preliminary
Task File Register specification
These registers are used for reading and writing the storage data in this card. These registers are mapped five
types by the configuration of INDEX in Configuration Option register. The decoded addresses are shown as
follows.
Memory map (INDEX=0)
−REG
A10
A9~A4
A3
A2
A1
A0
Offset
−OE=L
−WE=L
1
0
X
0
0
0
0
0H
Data register
Data register
1
0
X
0
0
0
1
1H
Error register
Feature register
1
0
X
0
0
1
0
2H
Sector count register
Sector count register
1
0
X
0
0
1
1
3H
Sector number register
Sector number register
1
0
X
0
1
0
0
4H
Cylinder low register
Cylinder low register
1
0
X
0
1
0
1
5H
Cylinder high register
Cylinder high register
1
0
X
0
1
1
0
6H
Drive head register
Drive head register
1
0
X
0
1
1
1
7H
Status register
Command register
1
0
X
1
0
0
0
8H
Dup. Even data register
Dup. even data register
1
0
X
1
0
0
1
9H
Dup.odd data register
Dup.odd data register
1
0
X
1
1
0
1
DH
Dup.error register
Dup.feature register
1
0
X
1
1
1
0
EH
Alt. status register
Device control register
1
0
X
1
1
1
1
FH
Drive address register
Reserved
1
1
X
X
X
X
0
8H
Even data register
Even data register
1
1
X
X
X
X
1
9H
Odd data register
Odd data register
Contiguous I/O map (INDEX=1)
−REG
A10~A4
A3
A2
A1
A0
Offset
−OE=L
−WE=L
0
X
0
0
0
0
0H
Data register
Data register
0
X
0
0
0
1
1H
Error register
Feature register
0
X
0
0
1
0
2H
Sector count register
Sector count register
0
X
0
0
1
1
3H
Sector number register
Sector number register
0
X
0
1
0
0
4H
Cylinder low register
Cylinder low register
0
X
0
1
0
1
5H
Cylinder high register
Cylinder high register
0
X
0
1
1
0
6H
Drive head register
Drive head register
0
X
0
1
1
1
7H
Status register
Command register
0
X
1
0
0
0
8H
Dup. even data register
Dup. even data register
0
X
1
0
0
1
9H
Dup.odd data register
Dup.odd data register
0
X
1
1
0
1
DH
Dup.error register
Dup.feature register
0
X
1
1
1
0
EH
Alt. status register
Device control register
0
X
1
1
1
1
FH
Drive address register
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com