Electronic Components Datasheet Search
  English  ▼

X  

DS40MB200 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS40MB200
Description  Dual 4 Gb/s 1:2 Mux/Buffer with Onput Wqualization and Output Pre-Emphasis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS40MB200 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DS40MB200 Datasheet HTML 4Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 5Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 6Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 7Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 8Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 9Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 10Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 11Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
(Note 2)
Max
Units
DRIVER SPECIFICATIONS
V
PE
Output Pre-Emphasis
Voltage Ratio
20*log(VODPE/VODB)
R
L = 100
Ω ±1%
Running K28.7 pattern at 4 Gbps
PREx_[1:0]=00
PREx_[1:0]=01
PREx_[1:0]=10
PREx_[1:0]=11
x=S for switch side pre-emphasis control
x=L for line side pre-emphasis control
See Figure 1 on waveform.
See Figure 5 for test circuit.
0
−3
−6
−9
dB
dB
dB
dB
t
PE
Pre-Emphasis Width
(Note 8)
Tested at −9 dB pre-emphasis level,
PREx[1:0]=11
x=S for switch side pre-emphasis control
x=L for line side pre-emphasis control
See Figure 4 on measurement condition.
125
200
250
ps
R
OTSE
Output Termination
On-chip termination from OUT+ or OUT− to
V
CC
42
50
58
Ω
R
OTD
Output Differential
Termination
On-chip differential termination between OUT+
and OUT−
100
Ω
∆R
OTSE
Mis-Match in Output
Termination
Resistors
Mis-match in output terminations at OUT+ and
OUT−
5
%
V
OCM
Output Common
Mode Voltage
2.7
V
POWER DISSIPATION
P
D
Power Dissipation
V
DD = 3.465V
All outputs terminated by 100
Ω ±1%.
PREL_[1:0]=0, PRES_[1:0]=0
Running PRBS 2
7-1 pattern at 4 Gbps
1W
AC CHARACTERISTICS
t
R
Differential Low to
High Transition Time
Measured with a clock-like pattern at
100 MHz, between 20% and 80% of the
differential output voltage. Pre-emphasis
disabled.
Transition time is measured with fixture as
shown in Figure 5, adjusted to reflect the
transition time at the output pins.
80
ps
t
F
Differential High to
Low Transition Time
80
ps
t
PLH
Differential Low to
High Propagation
Delay
Measured at 50% differential voltage from
input to output.
0.5
2
ns
t
PHL
Differential High to
Low Propagation
Delay
0.5
2
ns
t
SKP
Pulse Skew (Note 8)
|t
PHL–tPLH|20
ps
t
SKO
Output Skew
(Notes 7, 8)
Difference in propagation delay among data
paths in the same device.
200
ps
t
SKPP
Part-to-Part Skew
(Note 8)
Difference in propagation delay between the
same output from devices operating under
identical condition.
500
ps
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com