Electronic Components Datasheet Search
  English  ▼

X  

DS40MB200 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS40MB200
Description  Dual 4 Gb/s 1:2 Mux/Buffer with Onput Wqualization and Output Pre-Emphasis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS40MB200 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS40MB200 Datasheet HTML 1Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 2Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 3Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 4Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 5Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 6Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 7Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 8Page - National Semiconductor (TI) DS40MB200 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS40MB200
Dual 4 Gb/s 1:2 Mux/Buffer with Input Equalization and
Output Pre-Emphasis
General Description
The DS40MB200 is a dual signal conditioning 2:1 multi-
plexer and 1:2 fan-out buffer designed for use in backplane
redundancy applications. Signal conditioning features in-
clude input equalization and programmable output pre-
emphasis that enable data communication in FR4 back-
planes up to 4 Gb/s. Each input stage has a fixed equalizer
to reduce ISI distortion from board traces. All output drivers
have 4 selectable steps of pre-emphasis to compensate for
transmission losses from long FR4 backplanes and reduce
deterministic jitter. The pre-emphasis levels can be indepen-
dently controlled for the line-side and switch-side drivers.
The internal loopback paths from switch-side input to switch-
side output enable at-speed system testing. All receiver
inputs and driver outputs are internally terminated with 100
Ω
differential terminating resistors
Features
n
Dual 2:1 multiplexer and 1:2 buffer
n
1– 4 Gbps fully differential data paths
n
Fixed input equalization
n
Programmable output pre-emphasis
n
Independent switch and line side pre-emphasis controls
n
Programmable switch-side loopback mode
n
On-chip terminations
n
+3.3V supply
n
Low power, 1W max
n
Lead-less LLP-48 package (7mmx7mmx0.8mm, 0.5mm
pitch)
n
0˚C to +85˚C operating temperature range
Functional Block Diagram
20021733
August 2005
© 2005 National Semiconductor Corporation
DS200217
www.national.com


Similar Part No. - DS40MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS40MB200 NSC-DS40MB200 Datasheet
1Mb / 16P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200 Datasheet
922Kb / 20P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 TI1-DS40MB200 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
DS40MB200 TI1-DS40MB200 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS40MB200SQ NSC-DS40MB200SQ Datasheet
1Mb / 16P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS40MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS42MB200 NSC-DS42MB200 Datasheet
1Mb / 14P
Dual 4.25 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
DS25MB200 NSC-DS25MB200 Datasheet
660Kb / 13P
Dual 2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS25MB100 NSC-DS25MB100 Datasheet
993Kb / 16P
2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output De-Emphasis
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 TI1-SCAN15MB200_15 Datasheet
774Kb / 20P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS40MB200 TI1-DS40MB200_17 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com