Electronic Components Datasheet Search
  English  ▼

X  

LMV242 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV242
Description  Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV242 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV242 Datasheet HTML 7Page - National Semiconductor (TI) LMV242 Datasheet HTML 8Page - National Semiconductor (TI) LMV242 Datasheet HTML 9Page - National Semiconductor (TI) LMV242 Datasheet HTML 10Page - National Semiconductor (TI) LMV242 Datasheet HTML 11Page - National Semiconductor (TI) LMV242 Datasheet HTML 12Page - National Semiconductor (TI) LMV242 Datasheet HTML 13Page - National Semiconductor (TI) LMV242 Datasheet HTML 14Page - National Semiconductor (TI) LMV242 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Application Section
POWER CONTROL PRINCIPLES
The LMV242 is a member of the power loop controller family
of National Semiconductor, for quad-band TDMA/GSM solu-
tions. The typical application diagram demonstrates a basic
approach for implementing the quad-band solution around
an RF Power Amplifier (PA). The LMV242 contains a 50 dB
Logamp detector and interfaces directly with the directional
coupler.
The LMV242 Base Band (control-) interface consists of 3
signals: TX_EN to enable the device, BS to select either
output 1 or output 2 and V
RAMP to set the RF output power to
the specified level. The LMV242 gives maximum flexibility to
meet GSM frequency- and time mask criteria for many dif-
ferent single supply Power Amplifier types like HBT or Mes-
FET in GaAs, SiGe or Si technology. This is accomplished by
the programmable Ramp characteristic from the Base Band
and the TX_EN signal along with the external compensation
capacitor.
POWER AMPLIFIER CONTROLLED LOOP
This section gives a general overview and understanding of
how a typical Power Amplifier control loop works and how to
solve the most common problems confronted in the design.
General Overview
The key benefit of a PA control loop circuit is its immunity to
changes in the PA gain control function. When a PA control-
ler is used, the relationship between gain and gain control
voltage (V
APC) of the PA is of no consequence to the overall
transfer function. It is a function of the controller’s V
RAMP
voltage. Based upon the value of V
RAMP, the PA controller
will set the gain control voltage of the PA to a level that is
necessary to produce the desired output level. Any tempera-
ture dependency in the PA gain control function will be
eliminated. Also, non-linearity’s in the gain transfer function
of the PA do not appear in the overall transfer function (P
OUT
vs. V
RAMP). The only requirement is that the gain control
function of the PA has to be monotonic. To achieve this, it is
crucial, that the LMV242’s detector is temperature stable.
Typical PA Closed Loop Control Setup
A typical setup of PA control loop is depicted in Figure 1.
Beginning at the output of the Power Amplifier (PA), this
signal is fed, usually via a directional coupler, to a detector.
The error between the detector output current I
DET and the
ramp current I
RAMP, representing the selected power setting,
drives the inverting input of an op amp, configured as an
integrator. A reference voltage drives the non-inverting input
of the op amp. Finally the output of the integrator op amp
drives the gain control input of the power amplifier, which
sets the output power. The loop is stabilized when I
DET is
equal to I
RAMP . Lets examine how this circuit works in detail.
20079528
FIGURE 1. PA Control Loop
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com