Electronic Components Datasheet Search
  English  ▼

X  

LMV242 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV242
Description  Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV242 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMV242 Datasheet HTML 8Page - National Semiconductor (TI) LMV242 Datasheet HTML 9Page - National Semiconductor (TI) LMV242 Datasheet HTML 10Page - National Semiconductor (TI) LMV242 Datasheet HTML 11Page - National Semiconductor (TI) LMV242 Datasheet HTML 12Page - National Semiconductor (TI) LMV242 Datasheet HTML 13Page - National Semiconductor (TI) LMV242 Datasheet HTML 14Page - National Semiconductor (TI) LMV242 Datasheet HTML 15Page - National Semiconductor (TI) LMV242 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Section (Continued)
We will assume initially that the output of the PA is at some
low level and that the V
RAMP voltage is at 1V. The V/I
converter converts the V
RAMP voltage to a sinking current
I
RAMP. This current can only come from the integrator ca-
pacitor C. Current flow from this direction increases the
output voltage of the integrator. The output voltage, which
drives the V
APC of the PA, increases the gain (we assume
that the PA’s gain control input has a positive sense, that is,
increasing voltage increases gain). The gain will increase,
thereby increasing the amplifier’s output level until the de-
tector output current equals the ramp current I
RAMP. At that
point, the current through the capacitor will decrease to zero
and the integrator output will be held constant, thereby set-
tling the loop. If capacitor charge is lost over time, output
voltage will decrease. However, this leakage will quickly be
corrected by additional current from the detector. The loop
stabilizes to I
DET =IRAMP thereby creating a direct relation
between the V
RAMP set voltage and the PA output power,
independent of the PA’s V
APC-POUT characteristics.
Power Control Over Wide Dynamic Range
The circuit as described so far, has been designed to pro-
duce a temperature independent output power level. If the
detector has a high dynamic range, the circuit can precisely
set PA output levels over a wide power range. To set a PA
output power level, the reference voltage, V
RAMP, is varied.
To estimate the response of P
OUT vs. VRAMP,PIN vs. VRAMP
of the LMV242 should be known (P
OUT =PIN + attenuation
as discussed is section 3).
The relation between P
IN and VRAMP can be constructed out
of 2 curves:
•
I
COMP vs, VRAMP
•
V
OUT vs. RF Input Power (detection curve)
I
OUT can be calculated by dividing the VOUT of the detection
curve by the feedback resistor used for measuring. With the
knowledge that I
COMP =IOUT in a closed loop the resulting
function P
IN vs. VRAMP is shown in Figure 2. Extra attenua-
tion should be inserted between PA output and LMV242’s
P
IN to match their dynamic ranges.
Using a closed loop to control the PA has benefits over the
use of a directly controlled PA. Non-linearity’s and tempera-
ture variations present in the PA transfer function do not
appear in the overall transfer function, P
OUT vs. VRAMP The
response of a typical closed loop is given in Figure 3. The
shape of this curve is determined by the response of the
controller’s detector. Therefore the detector needs to be
accurate, temperature stable and preferably linear in dB to
achieve a accurately controlled output power. The only re-
quirement for the control loop is that the gain control function
of the PA has to be monotonic. With a linear in dB detector,
the relation between V
RAMP and PA output power becomes
linear in dB as well, which makes calibration of the system
easy.
The response time of the loop can be controlled by varying
the RC time constant of the integrator. Setting this at a low
level will result in fast output settling but can result in ringing
in the output envelope. Setting the RC time constant to a
high value will give the loop good stability but will increase
settling time.
ATTENUATION BETWEEN COUPLER AND LMV242
DETECTOR
Figure 4 shows a practical RF power control loop realized by
using the National’s LMV242 with integrated RF detector.
The RF signal from the PA passes through a directional
coupler on its way to the antenna. Directional couplers are
characterized by their coupling factor, which is in the 10 dB
to 30 dB range, typical 20 dB. Because the coupled output
must in its own right deliver some power (in this case to the
detector), the coupling process takes some power from the
main output. This manifests itself as insertion loss, the inser-
tion loss being higher for lower coupling factors.
It is very important to choose the right attenuation between
PA output and detector input to achieve power control over
the full output power range of the PA. A typical value for the
output power of the PA is +35.5 dBm for GSM and +30 dBm
for PCS/DCS. In order to accommodate these levels into the
LMV242 detection range the minimum required total attenu-
ation is about 35 dBm (please refer to typical performance
characteristics in the datasheet and Figure 2). A typical
coupler factor is 20 dB. An extra attenuation of about 15 dB
should be inserted.
20079521
FIGURE 2. P
IN vs. VRAMP
20079522
FIGURE 3. Closed Loop Response
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com