Electronic Components Datasheet Search
  English  ▼

X  

LM4702C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4702C
Description  LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4702C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4702C Datasheet HTML 1Page - National Semiconductor (TI) LM4702C Datasheet HTML 2Page - National Semiconductor (TI) LM4702C Datasheet HTML 3Page - National Semiconductor (TI) LM4702C Datasheet HTML 4Page - National Semiconductor (TI) LM4702C Datasheet HTML 5Page - National Semiconductor (TI) LM4702C Datasheet HTML 6Page - National Semiconductor (TI) LM4702C Datasheet HTML 7Page - National Semiconductor (TI) LM4702C Datasheet HTML 8Page - National Semiconductor (TI) LM4702C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM4702 Overture® Audio Power Amplifier Series
Stereo High Fidelity 200 Volt* Driver with Mute
General Description
The LM4702 is a high fidelity audio power amplifier driver
designed for demanding consumer and pro-audio applica-
tions. Amplifier output power may be scaled by changing the
supply voltage and number of output devices. The LM4702
is capable of delivering in excess of 300 watts per channel
single ended into an 8 ohm load in the presence of 10% high
line headroom and 20% supply regulation.
The LM4702 includes thermal shut down circuitry that acti-
vates when the die temperature exceeds 150˚C. The
LM4702’s mute function, when activated, mutes the input
drive signal and forces the amplifier output to a quiescent
state.
The LM4702 is available in 3 grades that span a wide range
of applications and performance levels. The LM4702C is
targeted at high volume applications. The LM4702B (in de-
velopment) includes a higher voltage rating along with the
tighter specifications. The LM4702A (in development) is the
premium part with the highest voltage rating, fully specified
with limits over voltage and temperature, and is offered in a
military 883 compliant TO-3 package.
* Tentative Max Operating voltage for the LM4702A,
LM4702B (in development)
Key Specifications
j Wide operating voltage range
LM4702A (in development)
±20V to ±85V
LM4702B (in development)
±20V to ±80V
LM4702C
±20V to ±75V
j Equivalent Noise
3µV
j PSRR
110dB (typ)
j THD
0.001%
Features
n
Very high voltage operation
n
Scalable output power
n
Minimum external components
n
External compensation
n
Thermal Shutdown and Mute
Applications
n
AV receivers
n
Audiophile power amps
n
Pro Audio
n
High voltage industrial applications
Typical Application and Connection Diagrams
20158319
FIGURE 1. Typical Audio Amplifier Application Circuit
20158302
Plastic Package — 15 Lead TO-220
(for LM4702; LM4702B, in development)
20158320
Metal Can — 15 Lead TO-3
(for LM4702A, in development)
SPiKe™ Protection and Overture™ are trademarks of National Semiconductor Corporation.
September 2005
© 2005 National Semiconductor Corporation
DS201583
www.national.com


Similar Part No. - LM4702C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4702CTA TI1-LM4702CTA Datasheet
511Kb / 20P
LM4702 Audio Power Amplifier Series Stereo High Fidelity 200 Volt Driver with Mute
LM4702CTA/NOPB TI1-LM4702CTA/NOPB Datasheet
511Kb / 20P
LM4702 Audio Power Amplifier Series Stereo High Fidelity 200 Volt Driver with Mute
More results

Similar Description - LM4702C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LME49830 NSC-LME49830 Datasheet
515Kb / 22P
Mono High Fidelity 200 Volt MOSFET Power Amplifier Input Stage with Mute
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
90074 TI-90074 Datasheet
856Kb / 16P
Audio Power Amplifier Series Stereo High Fidelity 200 Volt Driver with Mute
LM4702CTA TI1-LM4702CTA Datasheet
511Kb / 20P
LM4702 Audio Power Amplifier Series Stereo High Fidelity 200 Volt Driver with Mute
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LME49811 TI1-LME49811 Datasheet
416Kb / 19P
Audio Power Amplifier Series High Fidelity 200 Volt Power Amplifier Input Stage with Shutdown
LME49830 TI1-LME49830 Datasheet
811Kb / 23P
LME49830 Mono High Fidelity 200 Volt MOSFET Power Amplifier Input Stage with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com