Electronic Components Datasheet Search
  English  ▼

X  

LM4702C Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4702C
Description  LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4702C Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4702C Datasheet HTML 7Page - National Semiconductor (TI) LM4702C Datasheet HTML 8Page - National Semiconductor (TI) LM4702C Datasheet HTML 9Page - National Semiconductor (TI) LM4702C Datasheet HTML 10Page - National Semiconductor (TI) LM4702C Datasheet HTML 11Page - National Semiconductor (TI) LM4702C Datasheet HTML 12Page - National Semiconductor (TI) LM4702C Datasheet HTML 13Page - National Semiconductor (TI) LM4702C Datasheet HTML 14Page - National Semiconductor (TI) LM4702C Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision History
Rev
Date
Description
1.0
8/18/05
Input corrected data under the Typical
and Limit columns on all the 4 EC tables
(per Kevin H.).
1.1
8/22/05
Changed limits back on LM4702A/B/C to
±85V/80V/75V respectively (under Key
Spec...)
1.2
8/31/05
First WEB released of the datasheet.
1.3
9/2/05
Due to miscommunication with the ASSY
plant (EM), the datasheet needs to be
taken off the WEB for now (per Robin
Simpson).
1.4
9/09/05
Taken out Limits on Vom (under the
+75V and +50V.. LM4702C EC tables),
then released D/S to the WEB (per Robin
Simpson).
1.5
9/14/05
Changed TM to R ( Overture R) in the
doc title (per Kevin C), Naomi Mitchell
called Kevin about it.
1.6
9/15/05
Re-released D/S to the WEB with
Overture “R”.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com