Electronic Components Datasheet Search
  English  ▼

X  

PPTC30V Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # PPTC30V
Description  Polymer PTC Resettable 30V Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

PPTC30V Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  PPTC30V Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd PPTC30V Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd PPTC30V Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd PPTC30V Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Overcurrent protection device
Trustworthy electronic circuit protection expert
30V Series
www.yint.com.cn
Rev:19.3
2
Thermal Derating Chart-IH(A)
Model
Maximum ambient operating temperatures(℃)
-40
-20
0
25
40
50
60
70
80
85
30V-050
0.72
0.65
0.57
0.5
0.45
0.41
0.38
0.34
0.30
0.25
30V-075
1.08
0.97
0.86
0.75
0.68
0.62
0.57
0.51
0.45
0.37
30V-090
1.30
1.17
1.03
0.9
0.81
0.74
0.69
0.61
0.54
0.45
30V-110
1.59
1.43
1.26
1.1
1.0
0.91
0.84
0.74
0.67
0.55
30V-120
1.74
1.56
1.38
1.2
1.09
0.99
0.92
0.81
0.73
0.6
30V-135
1.95
1.75
1.55
1.35
1.22
1.12
1.03
0.91
0.82
0.67
30V-160
2.32
2.08
1.84
1.6
1.45
1.32
1.23
1.08
0.97
0.8
30V-185
2.68
2.40
2.12
1.85
1.68
1.53
1.42
1.25
1.12
0.92
30V-200
2.9
2.6
2.3
2
1.82
1.66
1.54
1.36
1.22
1
30V-250
3.62
3.25
2.87
2.5
2.27
2.07
1.92
1.7
1.52
1.25
30V-300
4.35
3.9
3.45
3
2.73
2.49
2.31
2.04
1.83
1.5
30V-400
5.8
5.2
4.6
4
3.64
3.32
3.08
2.72
2.44
2
30V-500
7.25
6.5
5.75
5
4.55
4.15
3.85
3.4
3.05
2.5
30V-600
8.7
7.8
6.9
6
5.46
4.98
4.62
4.08
3.66
3
30V-700
10.15
9.1
8.05
7
6.37
5.81
5.39
4.76
4.27
3.5
30V-800
11.6
10.4
9.2
8
7.28
6.64
6.16
5.44
4.88
4
30V-900
13.05
11.7
10.35
9
8.19
7.47
6.93
6.12
5.49
4.5
Electrical Characteristic
Model
IHold
ITrip
Vmax
Imax
Pd Max
Maximum Time to Trip
Nominal resistance(mΩ)
(A)
(A)
V(DC)
A
W
Current(A) Time(S)
Rmin
Rmax
30V-050
0.5
1.0
30
40
0.5
2.5
5.0
250
600
30V-075
0.75
1.5
30
40
0.6
3.75
5.0
200
370
30V-090
0.90
1.8
30
40
0.7
4.5
8.0
100
220
30V-110
1.10
2.2
30
40
0.7
5.5
8.0
70
200
30V-120
1.20
2.4
30
40
0.8
6.0
8.0
80
180
30V-135
1.35
1.7
30
40
0.8
6.75
8.0
70
160
30V-160
1.60
3.2
30
40
0.9
8.0
8.0
60
140
30V-185
1.85
3.7
30
40
1.0
9.25
8.0
50
120
30V-200
2.00
4.0
30
40
1.2
10.0
11
40
100
30V-250
2.50
5.0
30
40
1.2
12.5
11
30
80
30V-300
3.00
6.0
30
40
2.0
15.0
11
30
70
30V-400
4.00
8.0
30
40
2.5
20.0
12.7
10
60
30V-500
5.00
10
30
40
3.0
25.0
14.5
10
50
30V-600
6.00
12
30
40
3.5
30.0
16
5
40
30V-700
7.00
14
30
40
3.8
35.0
17.5
5
30
30V-800
8.00
16
30
40
4.0
40.0
18.8
5
25
30V-900
9.00
18
30
40
4.2
40.0
20
5
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com