Electronic Components Datasheet Search
  English  ▼

X  

PPTC30V Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # PPTC30V
Description  Polymer PTC Resettable 30V Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

PPTC30V Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  PPTC30V Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd PPTC30V Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd PPTC30V Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd PPTC30V Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Overcurrent protection device
Trustworthy electronic circuit protection expert
30V Series
www.yint.com.cn
Rev:19.3
3
Test Procedures And Requirements
Test
Test Conditions
Accept/Reject Criteria
Resistance
In still air @ 25℃
Rmin≤R≤Rmax
Time to Trip
Specified current,Vmax,25℃
Tmaximum Time to Trip
Hold Current
60min,at IH
No trip
Trip Cycle Life
Vmax,Imax,100cycles
No arcing or burning
Trip Endurance
Vmax,24hours
No arcing or burning
Physical Characteristics and Environmental Specifications
Test
Conditions
Resistance change
Passive aging
+85℃,1000hrs
±8% typical
Humidity aging
+85℃,85%R.H.1000hrs
±8% typical
Thermal shock
+125℃ to -55℃,10times
±12% typical
Resistance to solvent
MIL-STD-202,Method 215
No change
Vibration
MIL-STD-202,Method 201
No change
Operation Condition:
1. Ambient temperature: -40℃~85℃
2. Humidity: ≤95%HR(40℃)
3. Atmospheric pressure: 86Kpa ~106Kpa.
4 .Vibration frequency: 10Hz ~ 50Hz.
5. Acceleration: 98m/s2.
6. Storage temperature: -40℃~85℃.
7.Soldering
7.1 Wave Soldering:
Soldering Temperature:240℃~270℃
Soldering Time:≤5sec.
Soldering Position: Resettable fuse wire and the bottom ≥ 6mm。



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com