Electronic Components Datasheet Search
  English  ▼

X  

IL213 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL213
Description  SMALL OUTLINE OPTICALLY COUPLED ISOLATOR TRANSISTOR OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL213 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL213 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL213 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL213 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MIN
TYP
TESTCONDITIONS
PARAMETER
Forward Voltage (V
F)
1.2
1.5
Volt
Capacitance
50
pF
Reverse Current (I
R)
100
µA
Collector -Emitter Voltage (BV
CEO)
70
Volt
Emitter-Collector Voltage (BV
ECO)
7
Volt
Collector-Base Voltage (BV
CBO)
70
Volt
Collector-Emitter Dark Current (I
CEO)
50
nA
CurrentTransferRatio(CTR) IL205
40
80
%
IL206
63
125
%
IL207
100
200
%
IL208
160
320
%
IL211
20
%
IL212
50
%
IL213
100
%
IL205
13
%
IL206
22
%
IL207
34
%
IL208
56
%
IL215
20
%
IL216
50
%
IL217
100
%
Collector-Emitter Saturation Voltage V
CE(SAT)
0.4
Volt
( IL205 to IL213)
Collector-Emitter Saturation Voltage V
CE(SAT)
0.4
Volt
( IL215 to IL217)
Capacitance Input to Output (C
IO)
0.3
pF
Input to Output Isolation Resistance (R
IO)
1011
Ω
Input to Output Isolation Voltage (V
IO)
2500
V
RMS
Output Turn on Time (t
on)
3.0
µs
Output Turn off Time (t
off)
3.0
µs
Output Rise Time (t
r)
1.6
µs
Output Fall Time (t
f)
2.2
µs
Input
ELECTRICAL CHARACTERISTICS (250C unless otherwise noted)
Coupled
I
F = 10 mA
V
R = 0 ,f = 1 MHz
V
R = 6V
Output
7/12/00
I
C = 100 µA
I
E = 100 µA
I
C = 100 µA
V
CE = 10V
I
F = 10 mA, IC = 2 mA
I
F = 1 mA, IC = 0.1 mA
f = 1MHz (note 1)
V
IO = 500V (note 1)
Note 1
I
C = 2 mA,
V
CC = 10V, RL = 100Ω
MAX UNITS
Note 1. Measured with input leads shorted together and output leads shorted together.
V
CC = 10V
R
L = 100Ω
OUTPUT
INPUT
OUTPUT
10%
90%
t
on
t
f
t
off
t
r
10%
90%
FIG 1
I
F = 10 mA, VCE = 5V
I
F = 1 mA, VCE = 5V
DB92440-AAS/A2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com